Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 18 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 18 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation EL5420CSZ Datasheet HTML 14Page - Intersil Corporation EL5420CSZ Datasheet HTML 15Page - Intersil Corporation EL5420CSZ Datasheet HTML 16Page - Intersil Corporation EL5420CSZ Datasheet HTML 17Page - Intersil Corporation EL5420CSZ Datasheet HTML 18Page - Intersil Corporation EL5420CSZ Datasheet HTML 19Page - Intersil Corporation EL5420CSZ Datasheet HTML 20Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
FN7186.6
March 4, 2009
EL5120, EL5220, EL5420
QFN (Quad Flat No-Lead) Package Family
PIN #1
I.D. MARK
2
1
3
2X
0.075
TOP VIEW
NE
2
3
1
PIN #1 I.D.
b
L
BOTTOM VIEW
DETAIL X
PLANE
SEATING
N LEADS
C
SEE DETAIL "X"
A1
(L)
N LEADS
& EXPOSED PAD
0.10
SIDE VIEW
0.10
B
A
M C
C
B
A
E
2X
0.075 C
D
3
5
7
(E2)
(D2)
e
0.08 C
C
(c)
A
2
C
MDP0046
QFN (QUAD FLAT NO-LEAD) PACKAGE FAMILY
(COMPLIANT TO JEDEC MO-220)
SYMBOL
MILLIMETERS
TOLERANCE
NOTES
QFN44 QFN3
QFN32
A
0.90
0.90
0.90
0.90
±0.10
-
A1
0.02
0.02
0.02
0.02
+0.03/-0.02
-
b
0.25
0.25
0.23
0.22
±0.02
-
c
0.20
0.20
0.20
0.20
Reference
-
D
7.00
5.00
8.00
5.00
Basic
-
D2
5.10
3.80
5.80 3.60/2.48
Reference
8
E
7.00
7.00
8.00
6.00
Basic
-
E2
5.10
5.80
5.80 4.60/3.40
Reference
8
e
0.50
0.50
0.80
0.50
Basic
-
L
0.55
0.40
0.53
0.50
±0.05
-
N
44
38
32
32
Reference
4
ND
11
7
8
7
Reference
6
NE
11
12
8
9
Reference
5
SYMBOL
MILLIMETERS
TOLER-
ANCE
NOTES
QFN28 QFN2
QFN20
QFN16
A
0.90
0.90
0.90
0.90
0.90
±0.10
-
A1
0.02
0.02
0.02
0.02
0.02
+0.03/
-0.02
-
b
0.25
0.25
0.30
0.25
0.33
±0.02
-
c
0.20
0.20
0.20
0.20
0.20
Reference
-
D
4.00
4.00
5.00
4.00
4.00
Basic
-
D2
2.65
2.80
3.70
2.70
2.40
Reference
-
E
5.00
5.00
5.00
4.00
4.00
Basic
-
E2
3.65
3.80
3.70
2.70
2.40
Reference
-
e
0.50
0.50
0.65
0.50
0.65
Basic
-
L
0.40
0.40
0.40
0.40
0.60
±0.05
-
N
28
24
20
20
16
Reference
4
ND
6
5
5
5
4
Reference
6
NE
8
7
5
5
4
Reference
5
Rev 11 2/07
NOTES:
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Tiebar view shown is a non-functional feature.
3. Bottom-side pin #1 I.D. is a diepad chamfer as shown.
4. N is the total number of terminals on the device.
5. NE is the number of terminals on the “E” side of the package
(or Y-direction).
6. ND is the number of terminals on the “D” side of the package
(or X-direction). ND = (N/2)-NE.
7. Inward end of terminal may be square or circular in shape with radius
(b/2) as shown.
8. If two values are listed, multiple exposed pad options are available.
Refer to device-specific datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com