Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 4Page - Intersil Corporation EL5420CSZ Datasheet HTML 5Page - Intersil Corporation EL5420CSZ Datasheet HTML 6Page - Intersil Corporation EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation EL5420CSZ Datasheet HTML 10Page - Intersil Corporation EL5420CSZ Datasheet HTML 11Page - Intersil Corporation EL5420CSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN7186.6
March 4, 2009
FIGURE 7. OPEN LOOP GAIN vs TEMPERATURE
FIGURE 8. SLEW RATE vs TEMPERATURE
FIGURE 9. EL5420 SUPPLY CURRENT PER AMPLIFIER vs
TEMPERATURE
FIGURE 10. EL5420 SUPPLY CURRENT PER AMPLIFIER vs
SUPPLY VOLTAGE
FIGURE 11. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 12. FREQUENCY RESPONSE FOR VARIOUS RL
Typical Performance Curves (Continued)
80
90
100
0150
TEMPERATURE (°C)
50
-50
100
VS = ±5V
RL = 10kΩ
0
150
10.30
10.35
TEMPERATURE (°C)
10.25
50
-50
100
10.40
VS = ±5V
0.5
0.55
0.45
0
150
TEMPERATURE (°C)
50
-50
100
VS = ±5V
520
400
600
SUPPLY VOLTAGE (V)
300
10
0
700
500
15
TA = +25°C
10
10k
100M
50
200
FREQUENCY (Hz)
-50
20
-130
-230
100
1k
100k
1M
10M
150
0
100
-30
-80
-180
VS = ±5V, TA = +25°C
RL = 10kΩ to GND
CL = 12pF to GND
PHASE
GAIN
1M
100M
-5
0
FREQUENCY (Hz)
-15
10M
100k
5
-10
CL = 10pF
AV = 1
VS = ±5V
10k
Ω
1k
Ω
560
Ω
150
Ω
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com