| Electronic Components Datasheet Search |
|
EPCS4 Datasheet(PDF) 5 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPCS4 Datasheet(HTML) 5 Page - Altera Corporation |
|
5 / 38 page ![]() Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet 3–5 Active Serial FPGA Configuration © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) The FPGA acts as the configuration master in the configuration flow and provides the clock to the serial configuration device. The FPGA enables the serial configuration device by pulling the nCS signal low via the nCSO signal (refer to Figure 3–2 and Figure 3–3). Subsequently, the FPGA sends the instructions and addresses to the serial configuration device via the ASDO signal. The serial configuration device responds to the instructions by sending the configuration data to the FPGA’s DATA0 pin on the falling edge of DCLK. The data is latched into the FPGA on the next DCLK signal’s falling edge. 1 Before the FPGA enters configuration mode, ensure that VCC of the EPCS is ready. If it is not, you must hold nCONFIG low until all power rails of EPCS are ready. The FPGA controls the nSTATUS and CONF_DONE pins during configuration in AS mode. If the CONF_DONE signal does not go high at the end of configuration or if the signal goes high too early, the FPGA will pulse its nSTATUS pin low to start reconfiguration. Upon successful configuration, the FPGA releases the CONF_DONE pin, allowing the external 10-k resistor to pull this signal high. Initialization begins after the CONF_DONE goes high. After initialization, the FPGA enters user mode. f For more information about configuring the FPGAs in AS mode or other configuration modes, refer to the Configuration chapter in the appropriate device handbook. Figure 3–3. Altera FPGA Configuration in AS Mode (Serial Configuration Device Programmed by APU or Third-Party Programmer) (Note 1), (4) Notes to Figure 3–3: (1) For the VCC value, refer to the respective FPGA family handbook Configuration chapter. (2) Serial configuration devices cannot be cascaded. (3) Connect the FPGA MSEL[] input pins to select the AS configuration mode. For details, refer to the respective FPGA family chapter in the Configuration Handbook. (4) For more information about configuration pin I/O requirements in an AS scheme for an Altera FPGA, refer to the respective FPGA family handbook Configuration chapter.. DATA DCLK nCS ASDI DATA0 DCLK nCSO nCE nCONFIG nSTATUS MSEL[] nCEO CONF_DONE ASDO VCC (1) VCC (1) VCC (1) 10 k 10 k 10 k (3) Altera FPGA Serial Configuration Device (2) N.C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |