| Electronic Components Datasheet Search |
|
EPCS4 Datasheet(PDF) 1 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
EPCS4 Datasheet(HTML) 1 Page - Altera Corporation |
|
1 / 38 page ![]() © December 2009 Altera Corporation Configuration Handbook (Complete Two-Volume Set) 3. Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet Features The serial configuration devices provide the following features: ■ 1-, 4-, 16-, 64-, and 128-Mbit flash memory devices that serially configure Arria® series, Cyclone® series, all device families in the Stratix® series except the Stratix device family, and FPGAs using the active serial (AS) configuration scheme ■ Easy-to-use four-pin interface ■ Low cost, low-pin count, and non-volatile memory ■ Low current during configuration and near-zero standby mode current ■ 2.7-V to 3.6-V operation ■ EPCS1 and EPCS4 available in 8-pin small outline integrated circuit (SOIC) package. EPCS16 available in 8-pin or 16-pin SOIC packages. EPCS64 and EPCS128 available in 16-pin SOIC package ■ Enables the Nios® processor to access unused flash memory through AS memory interface ■ Re-programmable memory with more than 100,000 erase/program cycles ■ Write protection support for memory sectors using status register bits ■ In-system programming support with SRunner software driver ■ In-system programming support with USB Blaster™, EthernetBlaster, or ByteBlaster™ II download cables ■ Additional programming support with the Altera® Programming Unit (APU) and programming hardware from BP Microsystems, System General, and other vendors ■ Delivered with the memory array erased (all the bits set to 1) 1 The term “serial configuration devices” used in this document refers to Altera EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128. C51014-3.3 |
Similar Part No. - EPCS4 |
|
Similar Description - EPCS4 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |