Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCS4 Datasheet(PDF) 34 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 34 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 30Page - Altera Corporation EPCS4 Datasheet HTML 31Page - Altera Corporation EPCS4 Datasheet HTML 32Page - Altera Corporation EPCS4 Datasheet HTML 33Page - Altera Corporation EPCS4 Datasheet HTML 34Page - Altera Corporation EPCS4 Datasheet HTML 35Page - Altera Corporation EPCS4 Datasheet HTML 36Page - Altera Corporation EPCS4 Datasheet HTML 37Page - Altera Corporation EPCS4 Datasheet HTML 38Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
3–34
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Package
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
As shown in Figure 3–21 and Figure 3–22, the serial configuration device is an 8-pin or
16-pin device. In order to take advantage of vertical migration from EPSCS1 to
EPCS128, Altera recommends a layout for serial configuration devices.
Package
EPCS1 and EPCS4 available in 8-pin small outline integrated circuit (SOIC) package.
EPCS16 available in 8-pin and 16-pin small outline integrated circuit (SOIC) packages.
EPCS64 and EPCS128 available in 16-pin small outline integrated circuit (SOIC)
package.
f For more information about Altera device packaging including mechanical drawing
and specifications for this package, refer to the Altera Device Package Information Data
Sheet.
nCS
1
7
Input
The active low chip select input signal toggles at the beginning and
end of a valid instruction. When this signal is high, the device is
deselected and the DATA pin is tri-stated. When this signal is low, it
enables the device and puts the device in an active mode. After power
up, the serial configuration device requires a falling edge on the nCS
signal before beginning any operation.
DCLK
6
16
Input
DCLK
is provided by the FPGA. This signal provides the timing of the
serial interface. The data presented on ASDI is latched to the serial
configuration device on the rising edge of DCLK. Data on the DATA
pin changes after the falling edge of DCLK and is latched into the
FPGA on the next falling edge.
VCC
3, 7, 8
1, 2, 9
Power
Power pins connect to 3.3 V.
GND
4
10
Ground
Ground pin.
Table 3–23. Serial Configuration Device Pin Description (Part 2 of 2)
Pin
Name
Pin Number
in 8-Pin
SOIC
Package
Pin Number
in 16-Pin
SOIC
Package
Pin Type
Description
Figure 3–23. Layout Recommendation for Vertical Migration from EPCS1 to EPCS128
Pin 1 ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com