Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCS4 Datasheet(PDF) 20 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 20 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation EPCS4 Datasheet HTML 21Page - Altera Corporation EPCS4 Datasheet HTML 22Page - Altera Corporation EPCS4 Datasheet HTML 23Page - Altera Corporation EPCS4 Datasheet HTML 24Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
3–20
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Serial Configuration Device Memory Access
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Read Bytes Operation
The read bytes operation code is b'0000 0011, with the MSB listed first. To read the
memory contents of the serial configuration device, the device is first selected by
driving nCS low. Then, the read bytes operation code is shifted in followed by a 3-byte
address (A[23..0]). Each address bit must be latched in on the rising edge of the
DCLK
. After the address is latched in, the memory contents of the specified address
are shifted out serially on the DATA pin, beginning with the MSB. For reading Raw
Programming Data files (.rpd), the content is shifted out serially beginning with the
LSB. Each data bit is shifted out on the falling edge of DCLK. The maximum DCLK
frequency during the read bytes operation is 20 MHz. Figure 3–11 shows the timing
diagram for the read bytes operation.
The first byte address can be at any location. The device automatically increments the
address to the next higher address after shifting out each byte of data. Therefore, the
device can read the whole memory with a single read bytes operation. When the
device reaches the highest address, the address counter restarts at 0x000000,
allowing the memory contents to be read out indefinitely until the read bytes
operation is terminated by driving nCS high. The device can drive nCS high any time
after data is shifted out. If the read bytes operation is shifted in while a write or erase
cycle is in progress, the operation is not executed and has no effect on the write or
erase cycle in progress.
Figure 3–11. Read Bytes Operation Timing Diagram
Notes to Figure 3–11:
(1) Address bit A[23] is a don't-care bit in EPCS64. Address bits A[23..21] are don't-care bits in EPCS16. Address bits A[23..19] are don't-
care bits in EPCS4. Address bits A[23..17] are don't-care bits in the EPCS1.
(2) For .rpd files, the read sequence shifts out the LSB of the data byte first.
nCS
DCLK
ASDI
DATA
0
1
2
3
4
5
6
7
8
9
10
28
29
30
31
32
33
34
35
36
37
38
39
Operation Code
24-Bit Address (1)
23
22
21
3
2
1
0
77
65
43
210
MSB
MSB (2)
High Impedance
DATA Out 1
DATA Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com