Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPCS4 Datasheet(PDF) 16 Page - Altera Corporation

Part # EPCS4
Description  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS4 Datasheet(HTML) 16 Page - Altera Corporation

Back Button EPCS4 Datasheet HTML 12Page - Altera Corporation EPCS4 Datasheet HTML 13Page - Altera Corporation EPCS4 Datasheet HTML 14Page - Altera Corporation EPCS4 Datasheet HTML 15Page - Altera Corporation EPCS4 Datasheet HTML 16Page - Altera Corporation EPCS4 Datasheet HTML 17Page - Altera Corporation EPCS4 Datasheet HTML 18Page - Altera Corporation EPCS4 Datasheet HTML 19Page - Altera Corporation EPCS4 Datasheet HTML 20Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
3–16
    
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
Serial Configuration Device Memory Access
Configuration Handbook (Complete Two-Volume Set)
© December 2009
Altera Corporation
Write Disable Operation
The write disable operation code is b'0000 0100, with the MSB listed first. The
write disable operation resets the write enable latch bit, which is bit 1 in the status
register. To prevent the memory from being written unintentionally, the write enable
latch bit is automatically reset when implementing the write disable operation as well
as under the following conditions:
■
Power up
■
Write bytes operation completion
■
Write status operation completion
■
Erase bulk operation completion
■
Erase sector operation completion
Figure 3–6 shows the timing diagram for the write disable operation.
Read Status Operation
The read status operation code is b'0000 0101, with the MSB listed first. You can
use the read status operation to read the status register. Figure 3–7 and Figure 3–8
show the status bits in the status register of the serial configuration devices.
Setting the write in progress bit to 1 indicates that the serial configuration device is
busy with a write or erase cycle. Resetting the write in progress bit to 0 means no
write or erase cycle is in progress.
Figure 3–6. Write Disable Operation Timing Diagram
Figure 3–7. EPCS4, EPCS16, EPCS64, and EPCS128 Status Register Status Bits
Figure 3–8. EPCS1 Status Register Status Bits
nCS
DCLK
ASDI
DATA
01234567
Operation Code
High Impedance
Bit 7
Bit 0
Block Protect Bits [2..0]
Write In
Progress Bit
Write Enable
Latch Bit
BP2
BP1
BP0
WEL
WIP
Bit 7
Bit 0
Block Protect
Bits [1..0]
Write In
Progress Bit
Write Enable
Latch Bit
BP1
BP0
WEL
WIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com