Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 32Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 33Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 34Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 35Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-2
Freescale Semiconductor
Specifications
2.2 Recommended Operating Conditions
Table 2-2 lists recommended operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2.3 Thermal Characteristics
Table 2-3 describes thermal characteristics of the MSC8102 for the FC-CBGA (HCTE) package.
Section 4.5 describes these characteristics. The application note entitled MSC8102, MSC8122, and MSC8126
Thermal Management Design Guidelines (AN2601) describes the performance of the MSC8102 devices under
standard thermal test conditions and when mounted in a component array. It also provides guidelines for evaluating
board layouts that use MSC8102 devices.
Table 2-2.
Recommended Operating Conditions
Rating
Symbol
Value
Unit
Core supply voltage
VDD
1.55 to 1.7
V
PLL supply voltage
VCCSYN
1.55 to 1.7
V
I/O supply voltage
VDDH
3.135 to 3.465
V
Input voltage
VIN
–0.2 to VDDH+0.2
V
Operating temperature range
TJ
TA
maximum: 105
minimum: –25
°C
°C
Table 2-3.
Thermal Characteristics for FC-CBGA (HCTE) Package
Characteristic
Symbol
FC-CBGA (HCTE) 20
× 20 mm5
Unit
Natural
Convection
100 ft/min
(0.5 m/s) airflow
200 ft/min
(1 m/s) airflow
Junction-to-ambient1, 2
RθJA or θJA
27
22
20
°C/W
Junction-to-ambient, four-layer board1, 3
RθJA or θJA
15
12
11
°C/W
Junction-to-board (bottom)
4
RθJB or θJB
4.4
°C/W
Junction-to-case5
RθJC or θJC
0.3
°C/W
Notes:
1.
Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
2.
Per SEMI G38-87 and EIA/JESD51-2 with the single layer (1s) board horizontal.
3.
Per JESD51-6 with the board horizontal.
4.
Thermal resistance between the die and the printed circuit board per JEDEC JESD 51-8. Board temperature is measured on
the top surface of the board near the package.
5.
Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method (MIL
SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com