Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 36Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 37Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 38Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 39Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 40Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 41Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 42Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 43Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
2-10
Freescale Semiconductor
Specifications
2.5.5
System Bus Access Timing
2.5.5.1 Core Data Transfers
Generally, all MSC8102 bus and system output signals are driven from the rising edge of the reference clock
(REFCLK). The REFCLK is either the DLLIN signal or, if DLL is disabled, the CLKOUT signal. Memory controller
signals, however, trigger on four points within a REFCLK cycle. Each cycle is divided by four internal ticks: T1,
T2, T3, and T4. T1 always occurs at the rising edge of REFCLK (and T3 at the falling edge), as Figure 2-6 shows.
Figure 2-6 is a graphical representation of the internal ticks.
The UPM machine and GPCM machine outputs change on the internal tick determined by the memory controller
configuration. The AC specifications are relative to the internal tick. SDRAM machine outputs change only on the
REFCLK
rising edge.
Figure 2-6.
Internal Tick Spacing for Memory Controller Signals
Table 2-12.
AC Timing for SIU Inputs
No.
Characteristic
Value2
Units
10
Hold time for all signals after the 50% level of the REFCLK rising edge
1
ns
11a
ARTRY/ABB/TS set-up time before the 50% level of the REFCLK rising edge
4.5
ns
11b
DBG/DBB/BG/BR/TC set-up time before the 50% level of the REFCLK rising edge
4.3
ns
11c
AACK set-up time before the 50% level of the REFCLK rising edge
5.0
ns
11d
TA/TEA/PSDVAL set-up time before the 50% level of the REFCLK rising edge
•
Pipeline mode
•
Non-pipeline mode
3.7
5.0
ns
ns
12
Data bus set-up time before REFCLK rising edge in Normal mode
•
Pipeline mode
•
Non-pipeline mode
2.3
4.9
ns
ns
13
Data bus set-up time before the 50% level of the REFCLK rising edge in ECC and PARITY modes
•
Pipeline mode
•
Non-pipeline mode
2.6
7
ns
ns
14
DP set-up time before the 50% level of the REFCLK rising edge
•
Pipeline mode
•
Non-pipeline mode
2.3
6.5
ns
ns
15a
Address bus set-up time before the 50% level of the REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
3.1
6.9
ns
ns
15b
Address attributes: TT/TBST/TSIZ/GBL set-up time before the 50% level of the REFCLK rising edge
•
Extra cycle mode (SIUBCR[EXDD] = 0)
•
No extra cycle mode (SIUBCR[EXDD] = 1)
5.5
7.6
ns
ns
161
PUPMWAIT signal set-up time before the 50% level of the REFCLK rising edge
4.0
ns
Notes:
1.
Synchronous operation. Asynchronous operation may have a higher set-up time.
2.
Values are measured from the 50% TTL transition level relative to the 50% level of the REFCLK rising edge.
REFCLK
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com