Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 13Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
Direct Slave Interface, System Bus, and Interrupt Signals
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
1-7
IRQ5
BADDR29
Input
Output
Interrupt Request 5
1
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Bus Burst Address 291
There are five burst address output pins, which are outputs of the memory controller. These pins connect
directly to burstable memory devices without internal address incrementors controlled by the MSC8102
memory controller.
BADDR28
Output
Burst Address 28
There are five burst address output pins, which are outputs of the memory controller. These pins connect
directly to burstable memory devices without internal address incrementors controlled by the MSC8102
memory controller.
BADDR27
Output
Burst Address 27
There are five burst address output pins, which are outputs of the memory controller. These pins connect
directly to burstable memory devices without internal address incrementors controlled by the MSC8102
memory controller.
BR
Input/Output
Bus Request2
When an external arbiter is used, the MSC8102 asserts this pin as an output to request ownership of the
bus. When the MSC8102 controller is used as an internal arbiter, an external master asserts this pin as an
input to request bus ownership.
BG
Input/ Output Bus Grant
2
When the MSC8102 acts as an internal arbiter, it asserts this pin as an output to grant bus ownership to an
external bus master. When an external arbiter is used, it asserts this pin as an input to grant bus ownership
to the MSC8102.
DBG
Input/ Output Data Bus Grant2
When the MSC8102 acts as an internal arbiter, it asserts this pin as an output to grant data bus ownership
to an external bus master. When an external arbiter is used, it asserts this pin as an input to grant data bus
ownership to the MSC8102.
ABB
IRQ4
Input/Output
Input
Address Bus Busy1
The MSC8102 asserts this pin as an output for the duration of the address bus tenure. Following an AACK,
which terminates the address bus tenure, the MSC8102 deasserts ABB for a fraction of a bus cycle and
then stops driving this pin. The MSC8102 does not assume bus ownership as long as it senses this pin is
asserted as an input by an external bus master.
Interrupt Request 4
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
DBB
IRQ5
Input/Output
Input
Data Bus Busy1
The MSC8102 asserts this pin as an output for the duration of the data bus tenure. Following a TA, which
terminates the data bus tenure, the MSC8102 deasserts DBB for a fraction of a bus cycle and then stops
driving this pin. The MSC8102 does not assume data bus ownership as long as it senses that this pin is
asserted as an input by an external bus master.
Interrupt Request 5
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
TS
Input/Output
Bus Transfer Start
Assertion of this pin signals the beginning of a new address bus tenure. The MSC8102 asserts this signal
when one of its internal bus masters begins an address tenure. When the MSC8102 senses that this pin is
asserted by an external bus master, it responds to the address bus tenure as required (snoop if enabled,
access internal MSC8102 resources, memory controller support).
AACK
Input/ Output Address Acknowledge
A bus slave asserts this signal to indicate that it has identified the address tenure. Assertion of this signal
terminates the address tenure.
ARTRY
Input/ Output Address Retry
Assertion of this signal indicates that the bus master should retry the bus transaction. An external master
asserts this signal to enforce data coherency with its caches and to prevent deadlock situations.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com