Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 14Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 15Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 80 page
background image
MSC8102 Quad Core Digital Signal Processor, Rev. 12
1-8
Freescale Semiconductor
Signals/Connections
D[0–31]
Input/ Output Data Bus Bits 0–31
In write transactions, the bus master drives the valid data on this bus. In read transactions, the slave drives
the valid data on this bus.
Reserved
DP0
DREQ1
EXT_BR2
Input
Input/Output
Input
Input
The primary configuration selection (default after reset) is reserved.
System Bus Data Parity 0
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 0
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 0 and
D[0–7].
DMA Request 1
Used by an external peripheral to request DMA service.
External Bus Request 2
An external master asserts this pin to request bus ownership from the internal arbiter.
IRQ1
DP1
DACK1
EXT_BG2
Input
Input/Output
Output
Output
Interrupt Request 1
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 1
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 1
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 1 and
D[8–15].
DMA Acknowledge 1
The DMA drives this output to acknowledge the DMA transaction on the bus.
External Bus Grant 22
The MSC8102 asserts this pin to grant bus ownership to an external bus master.
IRQ2
DP2
DACK2
EXT_DBG2
Input
Input/Output
Output
Output
Interrupt Request 2
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 2
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 2
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 2 and
D[16–23].
DMA Acknowledge 2
The DMA drives this output to acknowledge the DMA transaction on the bus.
External Data Bus Grant 22
The MSC8102 asserts this pin to grant data bus ownership to an external bus master.
IRQ3
DP3
DREQ2
EXT_BR3
Input
Input/Output
Input
Input
Interrupt Request 3
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
System Bus Data Parity 3
The agent that drives the data bus also drives the data parity signals. The value driven on the data parity 3
pin should give odd parity (odd number of ones) on the group of signals that includes data parity 3 and
D[24–31].
DMA Request 2
Used by an external peripheral to request DMA service.
External Bus Request 32
An external master should assert this pin to request bus ownership from the internal arbiter.
Table 1-5.
DSI, System Bus, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com