Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC8102 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MSC8102
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8102 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MSC8102 Datasheet HTML 72Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 73Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 74Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 75Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 76Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 77Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 78Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 79Page - Freescale Semiconductor, Inc MSC8102 Datasheet HTML 80Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
Power Considerations
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
4-5
4.4 Power Considerations
The internal power dissipation consists of three components:
PINT = PTCORE + PSIU + PBUSES + PPERIPH
The power dissipation depends on the operating frequency of the different portions of the chip. To determine the
power dissipation at a given frequency, the following equations should be applied:
PCORE (fc) = ((PCORE – PLCO)/275) × fc + PLCO
PTCORE (fc) = (PCORE × 4)
PSIU (fc) = ((PSIU – PLSI)/91.67) × fc + PLSI
PPERIPH (fc) = ((PPERIPH – PLPE)/91.67) × fc + PLPE
PBUSES (fc) = PBUSES /91.67 × fc
Where,
fc is the operating frequency in MHz and all power numbers are in mW
PLCO is the SC140 Core leakage power
PLSI is the SIU leakage power
PLPE is the peripheral leakage power
To determine a total power dissipation in a specific application, the following equation should be applied for each
I/O output pin:
P = C
× VDDH2 × fs × 10–3
Equation 1
Where:
P = power in mW
C = load capacitance in pF
fs = output switching frequency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com