Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 32 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 32 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits EV8000 Datasheet HTML 32Page - CML Microcircuits EV8000 Datasheet HTML 33Page - CML Microcircuits EV8000 Datasheet HTML 34Page - CML Microcircuits EV8000 Datasheet HTML 35Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
32
UM8000/4
1.6.6
Troubleshooting Guide for the ES8000 (Version 1.0) Software
Question:
When I switch the focus to another device form I lose some or all of the previous
form setup.
Answer:
The majority of device form settings are only stored when the form’s Update button
is clicked.
Question:
I keep receiving numerous pop-up window error messages during my evaluation
session, causing the application to do strange things ?
Answer:
Perform a General Reset on the near and/or far C-BUS. If this does not solve the
problem, shutdown the ES8000 and turn off the power supply feeding the signalling
processor and
µC boards. Now follow the ‘ES8000 and EV8000 Startup Procedure'
instructions described earlier.
Question:
After operating in several different modes the device form(s) locked up or showed
abnormal behaviour ?
Answer:
Perform a General Reset on the near and/or far C-BUS. If this does not solve the
problem, shutdown the ES8000 and turn off the power supply feeding the signalling
processor and
µC boards. Now follow the ‘ES8000 and EV8000 Startup Procedure’
instructions described earlier.
Question:
Can the FX829 device form receive continuous FFSK messages ?
Answer:
Continuous FFSK messages should only be received when the inter-message
delay is
≥ 100ms.
Question:
At Startup I get an ‘Incompatible Software/Firmware versions!’ error message ?
Answer:
Shutdown the ES8000 and turn off the power supply feeding the signalling
processor and
µC boards. Now follow the ‘ES8000 and EV8000 Startup Procedure’
instructions described earlier. If this does not solve the problem check that you are
using the correct ES8000 and EF8000 versions. Information on software version
numbers, together with the latest software and documentation, can be found by
visiting the CML web site.
Question:
The FFSK messaging on the FX829 device form is functioning incorrectly ?
Answer:
Perform a General Reset on the near and/or far C-BUS and press the reset switch
(SW1) on the
µC board. If this does not solve the problem follow the ‘ES8000 and
EV8000 Startup Procedure’ instructions described earlier.
Question:
When I try to read or write to the µC board I get a ‘Cannot Write Port’ error
message.
Answer:
This may occur due to an unconnected serial cable or EV8000 PSU problem. The
ES8000 Windows Application Software will not function correctly after a ‘Cannot
Write Port’ error message has occurred. Shutdown the ES8000 and turn off the
power supply feeding the signalling processor and
µC boards. Now follow the
‘ES8000 and EV8000 Startup Procedure’ instructions described earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com