Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 16 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 16 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 12Page - CML Microcircuits EV8000 Datasheet HTML 13Page - CML Microcircuits EV8000 Datasheet HTML 14Page - CML Microcircuits EV8000 Datasheet HTML 15Page - CML Microcircuits EV8000 Datasheet HTML 16Page - CML Microcircuits EV8000 Datasheet HTML 17Page - CML Microcircuits EV8000 Datasheet HTML 18Page - CML Microcircuits EV8000 Datasheet HTML 19Page - CML Microcircuits EV8000 Datasheet HTML 20Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
16
UM8000/4
1.6.3
Software Description - Signalling Processor Board
1.6.3.1 Installation
The ES8000 Windows Application Software consists of a single executable file named
ES8000xx.EXE, where xx refers to the version number. Copy this from its 3.5” floppy disk to the
hard disk of the user’s PC.
Windows NT and '95
For convenient and quick launching of the program create an ES8000 shortcut within the Start
menu or Desktop.
Windows 3.11
For convenient and quick launching of the ES8000 software create a new program group and
ES8000 icon.
1.6.3.2 System Requirements
This program is a 16-bit application, compatible with Windows 3.11, NT and '95 operating
systems. The software has been designed to operate on a 386DX 40MHz or faster with 8MB of
RAM. We recommend that the user has the screen resolution set no lower than 800 x 600, to
allow maximised device forms to fit within the screen.
Note:
ES8000 Version 1.0 requires the signalling processor board crystal (X1) frequency to be
4.032MHz, to ensure correct generation of frequency data.
1.6.3.3 Starting the ES8000 Windows Application Software
Windows NT and '95
To execute the program from the Start Menu click on the Start Button, and then point to the
folder that contains the ES8000 Windows Application Software. Click on the program when it has
been located.
If a shortcut has not been created in the Start Menu then execute the program using the Run
command, click on the Start button and then click on Run. Type the path and name of the
program and then click on the OK button. If the program path is unknown click on Browse to look
for the item.
Windows 3.11
To execute the program locate the ES8000 icon from the appropriate program group. Double
click on the program icon when it has been located.
If a program group and icon has not been created execute the program using the Run command,
click on the File menu then click on Run. Type the path and name of the program and then click
on the OK button. If the program path is unknown click on Browse to look for the item.
1.6.3.4 Shutting Down the ES8000 Windows Application Software
Windows NT and '95
To quit the ES8000 program click on the close button in the upper-right corner of the main
application window.
Windows 3.11
To quit the ES8000 program click on the upper-left corner pulldown application menu, click on
the close command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com