Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 34 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 34 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits EV8000 Datasheet HTML 32Page - CML Microcircuits EV8000 Datasheet HTML 33Page - CML Microcircuits EV8000 Datasheet HTML 34Page - CML Microcircuits EV8000 Datasheet HTML 35Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
34
UM8000/4
Operating Characteristics
For the following conditions unless otherwise specified:
Evaluation Devices Xtal Frequency = 4.032MHz, µC Xtal Frequency = 4.0MHz,
VDD = 3.3V or 5.0V, Tamb = +25°C.
Notes
Min.
Typ.
Max.
Units
DC Parameters
IDD (total)
1
-
100.0
-
mA
AC Parameters
OSC1 Input to PIC
µC
'High' pulse width
2
50.0
-
-
ns
'Low' pulse width
2
50.0
-
-
ns
Xtal/Clock Input to Evaluation Device
'High' pulse width
2
40.0
-
-
ns
'Low' pulse width
2
40.0
-
-
ns
“C-BUS” Interface
Input logic "1" level
3
80%
-
-
VDD
Input logic "0" level
3
-
-
20%
VDD
Input leakage current (Vin = 0 to VDD)
3
-
5.0
-
+5.0
µA
Input capacitance
3
-
10.0
-
pF
Output logic "1" level (lOH = 120µA)
4
90%
-
-
VDD
Output logic "0" level (lOL = 360µA)
4
-
-
10%
VDD
External Loudspeaker Output
Load Impedance
8.0
-
-
Ω
Notes:
1.
Not including any current drawn from the board connector pins by external circuitry.
2.
Timing for an external input to the XTAL/CLOCK pin.
3.
When
µC pin is configured as an input.
4.
When
µC pin is configured as an output.
Operating Characteristics - Timing Diagrams
For FX828/FX829 timing information and operating characteristics, refer to CML Data Sheets.
For
µC timing information and operating characteristics, see manufacturer's literature (Arizona Microchip
Technology).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com