Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 33 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 33 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits EV8000 Datasheet HTML 30Page - CML Microcircuits EV8000 Datasheet HTML 31Page - CML Microcircuits EV8000 Datasheet HTML 32Page - CML Microcircuits EV8000 Datasheet HTML 33Page - CML Microcircuits EV8000 Datasheet HTML 34Page - CML Microcircuits EV8000 Datasheet HTML 35Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
33
UM8000/4
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the Evaluation Kit.
Min.
Max.
Units
Supply (VIN - VSS)
-0.3
40.0
V
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any connector pin to VSS, except J3
on µC board
-0.3
VDD + 0.3
V
Current into or out of VIN and VSS pins
0
+1.5
A
Current into or out of any other connector pin
-20
+20
mA
Operating Limits
Correct operation of the Evaluation Kit outside these limits is not implied.
Min.
Max.
Units
Supply (VIN - VSS)
8.0
35.0
V
Supply (VDD - VSS)
3.0
5.5
V
Operating Temperature
+10
+35
°C
External Clock Frequency (signalling processor board)
4.0315968
4.0324032
MHz
External Clock Frequency (µC board, VDD = 5.0V)
0.1
20.0
MHz
External Clock Frequency (µC board, VDD = 3.3V)
0.1
4.0
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com