Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 25 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 25 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 21Page - CML Microcircuits EV8000 Datasheet HTML 22Page - CML Microcircuits EV8000 Datasheet HTML 23Page - CML Microcircuits EV8000 Datasheet HTML 24Page - CML Microcircuits EV8000 Datasheet HTML 25Page - CML Microcircuits EV8000 Datasheet HTML 26Page - CML Microcircuits EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits EV8000 Datasheet HTML 29Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
25
UM8000/4
1.6.3.19 Automatic Disabling of Input Controls
This software feature shows the user which areas of the device form require user input and also
prevents the user selecting incorrect modes of operation.
An input control disabled by the software will be greyed on the display and will not respond to the
user clicking on it. When the software establishes that the user has modified an input control,
thus eliminating any possible conflicts, the disabled input control will be re-enabled, ready for user
selection.
An example of the conflicting modes of operation is when the FX828 Sub-Audio Transmitter is
enabled. The FX828 data sheet states that the DCS decoder and the Sub-Audio (CTCSS or
DCS) transmitter should not be enabled at the same time. Therefore the DCS Rx checkbox will
be automatically disabled by the software to prevent user selection.
Note:
Windows 3.11 users may find the display text associated with edit boxes to be invisible whilst the
input control is disabled.
1.6.3.20 Direct C-BUS Control
Individual device registers can be written to and read using this pop-up window. The window is
activated by clicking on the Global Menu and then clicking on the C-BUS command.
To perform a write to a device register the user should enter the register address and data in hex
and then click on the Write button. Likewise, to read a device register the user should enter the
register address and then click on the relevant read button, depending on the number of bytes to
be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com