Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 4 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 4 Page - CML Microcircuits

  EV8000 Datasheet HTML 1Page - CML Microcircuits EV8000 Datasheet HTML 2Page - CML Microcircuits EV8000 Datasheet HTML 3Page - CML Microcircuits EV8000 Datasheet HTML 4Page - CML Microcircuits EV8000 Datasheet HTML 5Page - CML Microcircuits EV8000 Datasheet HTML 6Page - CML Microcircuits EV8000 Datasheet HTML 7Page - CML Microcircuits EV8000 Datasheet HTML 8Page - CML Microcircuits EV8000 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
4
UM8000/4
1.2
Preliminary Information
1.2.1
Laboratory Equipment
The following laboratory equipment is needed to use this evaluation kit:
1.2.1.1 8 - 35V DC Power Supply (which can also be used to supply the PIC programming voltage, if set
to 13V).
1.2.1.2 A
µC control board, together with appropriate firmware and a user interface. This kit contains a
suitable control board, which is fitted with a pre-programmed PIC 16LC74JW (or similar)
µC.
1.2.1.3 An 8
Ω loudspeaker.
1.2.1.4 An IBM compatible PC; 40MHz '386DX or better with 8MB of RAM, running Microsoft Windows
3.11 / '95 / NT having a serial port configuration of 8 data bits, no parity, 1 stop bit and 19,200
baud with hardware handshake but without CR -> CR/LF conversion.
The following laboratory equipment is needed to re-program the PIC
µC in this evaluation kit:
1.2.1.5 If the evaluation kit is to be programmed via the serial port (J3), then a PC running DOS, or a
DOS window under Windows 3.11 or '95, will need to be used with the PIC programming software
supplied ( PICPROGA.EXE ).
1.2.1.6 As an alternative to on-board programming, a PIC 16-series Development System (available
from Arizona Microchip Technology), or a suitable PIC programmer, together with PIC
development software, may be preferred.
1.2.1.7 MPASM assembler or MPLAB software is required for re-assembling the source code. These
tools are available from Arizona Microchip Technology.
1.2.1.8 A UV-eraser to remove the pre-programmed PIC
µC firmware.
1.2.2
Handling Precautions
Like most evaluation kits, this product is designed for use in office and laboratory environments.
The following practices will help ensure its proper operation.
1.2.2.1 Static Protection
This product uses low power CMOS circuits which may be damaged by electrostatic discharge.
Partially damaged circuits may function erroneously, leading to misleading results. Observe ESD
precautions at all times when handling this product.
1.2.2.2 Contents - Unpacking
Please ensure that you have received all of the items listed on the separate information sheet
(EK8000) and notify CML within 7 working days if the delivery is incomplete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com