Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV8000 Datasheet(PDF) 24 Page - CML Microcircuits

Part # EV8000
Description  Evaluation Kit User
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8000 Datasheet(HTML) 24 Page - CML Microcircuits

Back Button EV8000 Datasheet HTML 20Page - CML Microcircuits EV8000 Datasheet HTML 21Page - CML Microcircuits EV8000 Datasheet HTML 22Page - CML Microcircuits EV8000 Datasheet HTML 23Page - CML Microcircuits EV8000 Datasheet HTML 24Page - CML Microcircuits EV8000 Datasheet HTML 25Page - CML Microcircuits EV8000 Datasheet HTML 26Page - CML Microcircuits EV8000 Datasheet HTML 27Page - CML Microcircuits EV8000 Datasheet HTML 28Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
Evaluation Kit User Manual for FX828 and FX829
EV8000
© 2004 CML Microsystems Plc
24
UM8000/4
The user should click on the drop button located to the right of the combo box. When the combo
box opens up, the vertical scroll bar should be used to move up and down through the list of
options. When the required option is found, the user should click on it. Likewise, for the multiline
edit boxes, the list of options can be viewed and selected by using the vertical scroll bar followed
by clicking on the option.
1.6.3.16 Read Register Output Display
The read register output display section located on the right of the device forms consists of read-
only single line edit boxes. These boxes display the read register settings after an update or View
Register has taken place. The edit boxes corresponding to bit settings will display either the
‘clear’ or ‘set’ text corresponding to a ‘0’ or ‘1’ respectively.
1.6.3.17 FX828 Rx Tones
The FX828 device forms are very similar for the entry of Rx tones. However, the multiline edit
box list created for the FX828 will display CTCSS and Selcall tones, depending on the state of the
Tone Decoder Mode bit in the Signalling Set-up write register. For the FX828, both sets of tones
are stored in memory but only one set is sent to the EV8000 Evaluation Kit, depending on the
Tone Decode mode setting.
Assigning frequencies to an Rx tone is achieved by clicking on the required tone number and then
entering the frequency in the single line edit box on the right. No enter key or delimiter is required
at the end of the frequency setting. When the tone number is selected the focus automatically
switches to the frequency edit box ready for frequency entry.
1.6.3.18 Viewing the FX828 and FX829 device registers
The current device form write register settings and the actual device read register settings can be
viewed by clicking on the View Registers button. The pop-up window which follows, lists the
register addresses and data.
To allow the user to view all of the FX828 CTCSS/Selcall tones, dropdown edit boxes are
included in the FX828 View Registers’ windows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com