Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 29 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 29 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 25Page - CML Microcircuits FX980 Datasheet HTML 26Page - CML Microcircuits FX980 Datasheet HTML 27Page - CML Microcircuits FX980 Datasheet HTML 28Page - CML Microcircuits FX980 Datasheet HTML 29Page - CML Microcircuits FX980 Datasheet HTML 30Page - CML Microcircuits FX980 Datasheet HTML 31Page - CML Microcircuits FX980 Datasheet HTML 32Page - CML Microcircuits FX980 Datasheet HTML 33Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
29
D/980/3
RxSetup2
Title:
Second Receive Set-up control register
Address:
$0x09
Function:
RW
Description:
Receive I and Q vernier control bits.
Bit
Name
Active State
Function
7:4
QvernierDelay
High
RW
Q channel Vernier sampling delay, allowing the sampling
point to be adjusted to a resolution of 1/16 of the input
sample clock rate.
3:0
IvernierDelay
High
RW
I channel Vernier sampling delay, allowing the sampling
point to be adjusted to a resolution of 1/16 of the input
sample clock rate.
Note: The values are in the format of 4 bit signed 2s-complement integers - the MSB being the sign. Thus it
can be interpreted as adjusting the reference phase by ± 7/16 of the sample clock period.
• Address and Data format for RxSetup2 access
Data field [7:0]
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
0
1
Address field [6:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com