Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 20 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 20 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 16Page - CML Microcircuits FX980 Datasheet HTML 17Page - CML Microcircuits FX980 Datasheet HTML 18Page - CML Microcircuits FX980 Datasheet HTML 19Page - CML Microcircuits FX980 Datasheet HTML 20Page - CML Microcircuits FX980 Datasheet HTML 21Page - CML Microcircuits FX980 Datasheet HTML 22Page - CML Microcircuits FX980 Datasheet HTML 23Page - CML Microcircuits FX980 Datasheet HTML 24Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
20
D/980/3
ConfigCtrl2
Title:
Configuration Control register
Address:
$0x01
Function:
RW
Description:
General configuration bits, together with operational control signal bits.
Bit
Name
Active State
Function
7
RW
Reserved. Set this bit Low. Undefined on read.
6
RW
User defined bit. This bit has no internal functionality and
is reset Low with the global N_RESET pin. The user may
employ this bit for any useful purpose.
5
n_SlowDown
Low
RW
When active, this bit reduces the slew rate of digital output
pins. This reduces power consumption, ground bounce and
reflection problems associated with fast edges on poorly
terminated lines. De-activation speeds up the digital
outputs, but increases power consumption, ground bounce
and reflection problems. It is anticipated that the latter
mode will be used only in 3.3V systems.
4
SRamIoRdInc
High
RW
This bit determines whether a read or write operation to the
Auxiliary SRAM will increment the address pointers. When
set active causes read operations to move the address
pointer on, this would therefore allow an efficient write then
read verify scheme to be used. When set inactive write
operations increment the address pointer.
3
SRamloEn
High
RW
When set active allows read/write access to the Auxiliary
SRAM. It is only valid to activate this bit when the SRAM is
not being accessed by the RamDac. When this bit is set
active, the first access to SramData will access the first
SRAM address location. Subsequent read or write
accesses will increment the address pointer to the next
memory location.
2
CoeffRamIoRdInc
High
RW
This bit determines whether a read or write operation to a
coefficient memory will increment the address pointers.
When set active the address pointer is incremented by any
coefficient ram read operation, thereby allowing a write
then read verification. When set inactive, write operations
increment the address pointer.
1
CoeffRamloEn
High
RW
When set active allows read/write access to all the
coefficient memories. This bit is valid only when the Tx and
Rx Data paths are inactive. When this bit is set active, the
first access to any of the coefficient memories will access
the first coefficient location (A1). Subsequent read or write
accesses to any coefficient memory will increment the
address pointers for all the coefficient memories.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com