Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 57 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 57 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 53Page - CML Microcircuits FX980 Datasheet HTML 54Page - CML Microcircuits FX980 Datasheet HTML 55Page - CML Microcircuits FX980 Datasheet HTML 56Page - CML Microcircuits FX980 Datasheet HTML 57Page - CML Microcircuits FX980 Datasheet HTML 58Page - CML Microcircuits FX980 Datasheet HTML 59Page - CML Microcircuits FX980 Datasheet HTML 60Page - CML Microcircuits FX980 Datasheet HTML 61Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
57
D/980/3
TxIQOffset
Title:
Transmit I and Q channel Offset correction register
Address:
$0x44, $0x45, $0x4A, and $0x4B (4 locations)
Function:
RW
Description:
This register controls the Tx Data path signal offset. This offset is a 2s-complement value
(N
offset), which is applied to the Tx signal after the Gain Multiplier (Gval), but before the DAC. The
offset applied is at the discretion of the user. Inappropriate values may cause arithmetic
overflow in the subsequent operator sections. The result is given by the formula:
D
D +
N
2
out
in
offset
15
=
Where:
Din
Dout
N
offset
is the signal input,
is the signal output,
is the 2s-complement value in the
register.
Bit
Name
Active State
Function
Address $0x44
7:0
TxIOffsetLSB
Data RW
Least significant 8 bits of the TxIOffset register (N
offset).
Address $0x45
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
TxIOffsetMSB
Data RW
Most significant 4 bits of the TxIOffset register (N
offset).
Address $0x4A
7:0
TxQOffsetLSB
Data RW
Least significant 8 bits of the TxQOffset register (N
offset).
Address $0x4B
7:4
RW
Reserved. Set these bits Low. Undefined on read.
3:0
TxQOffsetMSB
Data RW
Most significant 4 bits of the TxQOffset register (N
offset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com