Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 53 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 53 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 49Page - CML Microcircuits FX980 Datasheet HTML 50Page - CML Microcircuits FX980 Datasheet HTML 51Page - CML Microcircuits FX980 Datasheet HTML 52Page - CML Microcircuits FX980 Datasheet HTML 53Page - CML Microcircuits FX980 Datasheet HTML 54Page - CML Microcircuits FX980 Datasheet HTML 55Page - CML Microcircuits FX980 Datasheet HTML 56Page - CML Microcircuits FX980 Datasheet HTML 57Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
53
D/980/3
TxRampUpInc
Title:
Transmit Ramp Up Increment registers.
Address:
$0x4C to $0x4D (mapped over 2 locations)
Function:
RW
Description:
The value in this register sets the scale of the Tx amplitude gain increments which occur over
each sample clock period, thus determining the Tx amplitude ramp up time period. The value is
always positive. The ramp up rate, in terms of the number of symbols, is given by the formula:
N
64
N
symbols
inc
=
Where:
N
symbols
is the ramp time in terms of number
of symbols.
Ninc
is the value in the register.
Bit
Name
Active State
Function
Address $0x4C
7:0
RampUpIncLSB
Data RW
Least significant 8 bits of the ramp up increment register.
Address $0x4D
7:1
RW
Reserved. Set these bits Low. Undefined on read.
0
RampUpIncMSB
Data RW
Most significant bit of the ramp up increment register.
• Address and Data format for TxRampUpInc access
D1 D0
D7 D6 D5 D4 D3 D2
R
R
R
R
R
R
R
D8
0
Data field [8:0]
1
Address field
[6:0]
1
0
1
1
0
0
1
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com