Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 4 Page - CML Microcircuits

  FX980 Datasheet HTML 1Page - CML Microcircuits FX980 Datasheet HTML 2Page - CML Microcircuits FX980 Datasheet HTML 3Page - CML Microcircuits FX980 Datasheet HTML 4Page - CML Microcircuits FX980 Datasheet HTML 5Page - CML Microcircuits FX980 Datasheet HTML 6Page - CML Microcircuits FX980 Datasheet HTML 7Page - CML Microcircuits FX980 Datasheet HTML 8Page - CML Microcircuits FX980 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
4
D/980/3
1.3
Signal List
L6 Package
44 PLCC
Package
#
Signal
Description
Pin No.
Pin No.
Name
Type
15
MCLK
I/P
Master clock input (typically 9.216MHz)
16
SClk
O/P
Serial interface clock
17
CmdDat
BI
Command serial interface Data
18
CmdFS
I/P
Command serial interface Frame
19
CmdRdDat
O/P
Command serial interface Read Data
20
CmdRdFS
O/P
Command serial interface Read Frame
11
RxDat
O/P
Receive serial interface Data
12
RxFS
O/P
Receive serial interface Strobe
23
N_IRQ
O/P
Interrupt request
14
N_RESET
I/P
Chip Reset
24
SCANSEL
I/P
Scan Select (normally tied low)
25
ITXP
O/P
Transmit "I" channel, positive output
26
ITXN
O/P
Transmit "I" channel, negative output
30
QTXP
O/P
Transmit "Q" channel, positive output
29
QTXN
O/P
Transmit "Q" channel, negative output
42
IRXP
I/P
Receive "I" channel, positive input
41
IRXN
I/P
Receive "I" channel, negative input
38
QRXP
I/P
Receive "Q" channel, positive input
37
QRXN
I/P
Receive "Q" channel, negative input
43
AUXADC1
I/P
Auxiliary ADC channel 1
44
AUXADC2
I/P
Auxiliary ADC channel 2
1
AUXADC3
I/P
Auxiliary ADC channel 3
2
AUXADC4
I/P
Auxiliary ADC channel 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com