Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX980 Datasheet(PDF) 74 Page - CML Microcircuits

Part # FX980
Description  TETRA Baseband Processor
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX980 Datasheet(HTML) 74 Page - CML Microcircuits

Back Button FX980 Datasheet HTML 70Page - CML Microcircuits FX980 Datasheet HTML 71Page - CML Microcircuits FX980 Datasheet HTML 72Page - CML Microcircuits FX980 Datasheet HTML 73Page - CML Microcircuits FX980 Datasheet HTML 74Page - CML Microcircuits FX980 Datasheet HTML 75Page - CML Microcircuits FX980 Datasheet HTML 76Page - CML Microcircuits FX980 Datasheet HTML 77Page - CML Microcircuits FX980 Datasheet HTML 78Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
TETRA Baseband Processor
FX980
© 1997 Consumer Microcircuits Limited
74
D/980/3
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply
VDD - VSS
-0.3
7.0
V
VCC1 - VSS1
-0.3
7.0
V
VCC2 - VSS2
-0.3
7.0
V
VCC3 - VSSB
-0.3
7.0
V
VDD1 - VSSA
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Voltage on any pin to VSS1
-0.3
VCC1 + 0.3
V
Voltage on any pin to VSS2
-0.3
VCC2 + 0.3
V
Voltage on any pin to VSSA
-0.3
VDD1 + 0.3
V
Voltage on any pin to VSSB
-0.3
VCC3 + 0.3
V
Current into or out of VDD, VCC1, VCC2, VCC3,
-30
+30
mA
VDD1, VSS,VSS1, VSS2, VSSB and VSSA
Current into or out of any other pin
-20
+20
mA
Voltage differential between power supplies
(VDD, VCC1, VCC2, VCC3 and VDD1)
0
0.3
V
(VSS, VSS1, VSS2, VSSB and VSSA)
0
50
mV
L6 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
# Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
550
mW
... Derating
9
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply
VDD - VSS
4.5
5.5
V
VCC1 - VSS1
4.5
5.5
V
VCC2 - VSS2
4.5
5.5
V
VCC3 - VSSB
4.5
5.5
V
VDD1 - VSSA
4.5
5.5
V
Operating Temperature
-40
+85
°C
MCLK Frequency
TBD
TBD
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com