Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 32Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 33 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Notes:
1.
The blank areas are reserved. No access is allowed.
2.
Values after hardware reset, power-on reset, or voltage monitor 0 reset are as follows:
- 00000000b when a low-level signal is input to the CNVSS pin
- 00000010b when a high-level signal is input to the CNVSS pin
Values after voltage monitor 1 reset, voltage monitor 2 reset, software reset, watchdog timer reset, or oscillation stop
detect reset are as follows:
- 00000000b when bits PM01 and PM00 in the PM0 register are 00b (single-chip mode).
- 00000010b when bits PM01 and PM00 in the PM0 register are 01b (memory expansion mode) or 11b
(microprocessor mode).
3.
When the CSPROINI bit in the OFS1 address is 0, the reset value is 10000000b.
Table 4.14
SFR Information (14) (1)
Address
Register
Symbol
Reset Value
0360h
Pull-Up Control Register 0
PUR0
00h
0361h
Pull-Up Control Register 1
PUR1
0000 0000b (2)
0000 0010b
0362h
Pull-Up Control Register 2
PUR2
00h
0363h
0364h
0365h
0366h
Port Control Register
PCR
0000 0XX0b
0367h
0368h
0369h
NMI/SD Digital Filter Register
NMIDF
XXXX X000b
036Ah
036Bh
036Ch
036Dh
036Eh
036Fh
0370h
PWM Control Register 0
PWMCON0
00h
0371h
0372h
PWM0 Prescaler
PWMPRE0
00h
0373h
PWM0 Register
PWMREG0
00h
0374h
PWM1 Prescaler
PWMPRE1
00h
0375h
PWM1 Register
PWMREG1
00h
0376h
PWM Control Register 1
PWMCON1
00h
0377h
0378h
0379h
037Ah
037Bh
037Ch
Count Source Protection Mode Register
CSPR
00h (3)
037Dh
Watchdog Timer Refresh Register
WDTR
XXh
037Eh
Watchdog Timer Start Register
WDTS
XXh
037Fh
Watchdog Timer Control Register
WDC
00XX XXXXb
0380h to
038Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com