Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 71Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 72Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 73Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 74Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 75Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 76Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 77Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 78Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 75 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Timing Requirements
(VCC1 = VCC2 = 3 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
Figure 5.21
Timer A Input (Two-Phase Pulse Input in Event Counter Mode)
Table 5.47
Timer A Input (Two-Phase Pulse Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
2
μs
tsu(TAIN-TAOUT)
TAiOUT input setup time
500
ns
tsu(TAOUT-TAIN)
TAiIN input setup time
500
ns
TAiIN input
Two-phase pulse input in event counter mode
TAiOUT input
tc(TA)
tsu(TAIN-TAOUT)
tsu(TAIN-TAOUT)
tsu(TAOUT-TAIN)
tsu(TAOUT-TAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com