Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 32Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 34 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.15
SFR Information (15) (1)
Address
Register
Symbol
Reset Value
0390h
DMA2 Source Select Register
DM2SL
00h
0391h
0392h
DMA3 Source Select Register
DM3SL
00h
0393h
0394h
0395h
0396h
0397h
0398h
DMA0 Source Select Register
DM0SL
00h
0399h
039Ah
DMA1 Source Select Register
DM1SL
00h
039Bh
039Ch
039Dh
039Eh
039Fh
03A0h
03A1h
03A2h
Open-Circuit Detection Assist Function Register
AINRST
XX00 XXXXb
03A3h
03A4h
03A5h
03A6h
03A7h
03A8h
03A9h
03AAh
03ABh
03ACh
03ADh
03AEh
03AFh
03B0h
03B1h
03B2h
03B3h
03B4h
SFR Snoop Address Register
CRCSAR
XXXX XXXXb
03B5h
00XX XXXXb
03B6h
CRC Mode Register
CRCMR
0XXX XXX0b
03B7h
03B8h
03B9h
03BAh
03BBh
03BCh
CRC Data Register
CRCD
XXh
03BDh
XXh
03BEh
CRC Input Register
CRCIN
XXh
03BFh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com