Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 23Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 27 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.8
SFR Information (8) (1)
Address
Register
Symbol
Reset Value
0210h
Address Match Interrupt Register 0
RMAD0
00h
0211h
00h
0212h
X0h
0213h
0214h
Address Match Interrupt Register 1
RMAD1
00h
0215h
00h
0216h
X0h
0217h
0218h
Address Match Interrupt Register 2
RMAD2
00h
0219h
00h
021Ah
X0h
021Bh
021Ch
Address Match Interrupt Register 3
RMAD3
00h
021Dh
00h
021Eh
X0h
021Fh
0220h
Flash Memory Control Register 0
FMR0
0000 0001b
(Other than user boot mode)
0010 0001b
(User boot mode)
0221h
Flash Memory Control Register 1
FMR1
00X0 XX0Xb
0222h
Flash Memory Control Register 2
FMR2
XXXX 0000b
0223h
Flash Memory Control Register 3
FMR3
XXXX 0000b
0224h
0225h
0226h
0227h
0228h
0229h
022Ah
022Bh
022Ch
022Dh
022Eh
022Fh
0230h
Flash Memory Control Register 6
FMR6
XX0X XX00b
0231h
0232h
0233h
0234h
0235h
0236h
0237h
0238h
0239h
023Ah
023Bh
023Ch
023Dh
023Eh
023Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com