Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 33Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 34Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 35Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 36Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 37Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 38Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 39Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 40Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 37 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.18
SFR Information (18) (1)
Address
Register
Symbol
Reset Value
D080h
PMC0 Header Pattern Set Register (Min)
PMC0HDPMIN
0000 0000b
D081h
XXXX X000b
D082h
PMC0 Header Pattern Set Register (Max)
PMC0HDPMAX
0000 0000b
D083h
XXXX X000b
D084h
PMC0 Data 0 Pattern Set Register (Min)
PMC0D0PMIN
00h
D085h
PMC0 Data 0 Pattern Set Register (Max)
PMC0D0PMAX
00h
D086h
PMC0 Data 1 Pattern Set Register (Min)
PMC0D1PMIN
00h
D087h
PMC0 Data 1 Pattern Set Register (Max)
PMC0D1PMAX
00h
D088h
PMC0 Measurements Register
PMC0TIM
00h
D089h
00h
D08Ah
D08Bh
D08Ch
PMC0 Receive Data Store Register 0
PMC0DAT0
00h
D08Dh
PMC0 Receive Data Store Register 1
PMC0DAT1
00h
D08Eh
PMC0 Receive Data Store Register 2
PMC0DAT2
00h
D08Fh
PMC0 Receive Data Store Register 3
PMC0DAT3
00h
D090h
PMC0 Receive Data Store Register 4
PMC0DAT4
00h
D091h
PMC0 Receive Data Store Register 5
PMC0DAT5
00h
D092h
PMC0 Receive Bit Count Register
PMC0RBIT
XX00 0000b
D093h
D094h
PMC1 Header Pattern Set Register (Min)
PMC1HDPMIN
0000 0000b
D095h
XXXX X000b
D096h
PMC1 Header Pattern Set Register (Max)
PMC1HDPMAX
0000 0000b
D097h
XXXX X000b
D098h
PMC1 Data 0 Pattern Set Register (Min)
PMC1D0PMIN
00h
D099h
PMC1 Data 0 Pattern Set Register (Max)
PMC1D0PMAX
00h
D09Ah
PMC1 Data 1 Pattern Set Register (Min)
PMC1D1PMIN
00h
D09Bh
PMC1 Data 1 Pattern Set Register (Max)
PMC1D1PMAX
00h
D09Ch
PMC1 Measurements Register
PMC1TIM
00h
D09Dh
00h
D09Eh
D09Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com