Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 24Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 25Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 26Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 27Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 28Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 29Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 30Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 31Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 28 of 88
Feb 07, 2011
M16C/64C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.9
SFR Information (9) (1)
Address
Register
Symbol
Reset Value
0240h
0241h
0242h
0243h
0244h
UART0 Special Mode Register 4
U0SMR4
00h
0245h
UART0 Special Mode Register 3
U0SMR3
000X 0X0Xb
0246h
UART0 Special Mode Register 2
U0SMR2
X000 0000b
0247h
UART0 Special Mode Register
U0SMR
X000 0000b
0248h
UART0 Transmit/Receive Mode Register
U0MR
00h
0249h
UART0 Bit Rate Register
U0BRG
XXh
024Ah
UART0 Transmit Buffer Register
U0TB
XXh
024Bh
XXh
024Ch
UART0 Transmit/Receive Control Register 0
U0C0
0000 1000b
024Dh
UART0 Transmit/Receive Control Register 1
U0C1
00XX 0010b
024Eh
UART0 Receive Buffer Register
U0RB
XXh
024Fh
XXh
0250h
UART Transmit/Receive Control Register 2
UCON
X000 0000b
0251h
0252h
0253h
0254h
UART1 Special Mode Register 4
U1SMR4
00h
0255h
UART1 Special Mode Register 3
U1SMR3
000X 0X0Xb
0256h
UART1 Special Mode Register 2
U1SMR2
X000 0000b
0257h
UART1 Special Mode Register
U1SMR
X000 0000b
0258h
UART1 Transmit/Receive Mode Register
U1MR
00h
0259h
UART1 Bit Rate Register
U1BRG
XXh
025Ah
UART1 Transmit Buffer Register
U1TB
XXh
025Bh
XXh
025Ch
UART1 Transmit/Receive Control Register 0
U1C0
0000 1000b
025Dh
UART1 Transmit/Receive Control Register 1
U1C1
00XX 0010b
025Eh
UART1 Receive Buffer Register
U1RB
XXh
025Fh
XXh
0260h
0261h
0262h
0263h
0264h
UART2 Special Mode Register 4
U2SMR4
00h
0265h
UART2 Special Mode Register 3
U2SMR3
000X 0X0Xb
0266h
UART2 Special Mode Register 2
U2SMR2
X000 0000b
0267h
UART2 Special Mode Register
U2SMR
X000 0000b
0268h
UART2 Transmit/Receive Mode Register
U2MR
00h
0269h
UART2 Bit Rate Register
U2BRG
XXh
026Ah
UART2 Transmit Buffer Register
U2TB
XXh
026Bh
XXh
026Ch
UART2 Transmit/Receive Control Register 0
U2C0
0000 1000b
026Dh
UART2 Transmit/Receive Control Register 1
U2C1
0000 0010b
026Eh
UART2 Receive Buffer Register
U2RB
XXh
026Fh
XXh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com