Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640ECDFB Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F3640ECDFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640ECDFB Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F3640ECDFB Datasheet HTML 15Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 16Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 17Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 18Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 19Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 20Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 21Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 22Page - Renesas Technology Corp R5F3640ECDFB Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 19 of 88
Feb 07, 2011
M16C/64C Group
3. Address Space
3.3
Accessible Area in Each Mode
Areas that can be accessed vary depending on processor mode and the status of each control bit. Figure
3.3 shows the Accessible Area in Each Mode.
In single-chip mode, the SFRs, internal RAM, and internal ROM can be accessed.
In memory expansion mode, the SFRs, internal RAM, internal ROM, and external areas can be accessed.
Address space is expandable to 4 MB with the memory area expansion function.
In microprocessor mode, the SFRs, internal RAM, and external areas can be accessed. Address space is
expandable to 4 MB with the memory area expansion function. Allocate ROM to the fixed vector table
from FFFDCh to FFFFFh.
Figure 3.3
Accessible Area in Each Mode
Notes:
1. Do not access reserved areas.
2. The figure above applies under the following conditions:
Single-chip mode and memory expansion mode
- The PM10 bit in the PM1 register is 1
(addresses 0E000h to 0FFFFh are used as data flash)
- The PRG2C0 bit in the PRG2C register is 0 (program ROM 2 enabled)
- The PM13 bit in the PM1 register is 1
(all areas in internal RAM, and the program ROM 1 area from 80000h are usable)
Microprocessor mode
- The PM10 bit is 0 (addresses 0E000h to 0FFFFh are used as the CS2 area)
- The PRG2C0 bit is 1 (program ROM 2 disabled)
00000h
0D000h
00400h
0D800h
0E000h
10000h
14000h
FFFFFh
28000h
27000h
80000h
00000h
0D000h
00400h
0D800h
0E000h
10000h
14000h
FFFFFh
Single-Chip Mode
Memory Expansion Mode
00000h
0D000h
00400h
0D800h
FFFFFh
28000h
27000h
Microprocessor Mode
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
Reserved area
Internal ROM
(program ROM 1)
Reserved area
External area
External area
External area
Internal RAM
Reserved area
SFR
SFR
Reserved area
External area
External area
Internal RAM
Reserved area
SFR
SFR
Reserved area
Internal RAM
Reserved area
SFR
SFR
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
Internal ROM
(program ROM 1)
Reserved area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com