Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DnRnH REGISTERS
These are read/write registers. There are sixteen of these
registers, four for each of the buses, as shown in Table 8.
When written to, the data is the high byte of a 9- to16-bit
command. When read, it is the high byte of a 9- to 16-bit
return on the DBUS. Writing to this register and the low byte
register without a framing error schedules a DBUS
transaction.
The bit assignments are shown in Figure 24. Even if a
short word of 8 bits is selected for this bus (MSn = 1), this
register must be written in the SPI burst sequence. When the
short word length is set at other than 8 bits, this register will
contain the bits above eight, starting with the ninth bit in the
least significant bit position of the register. Unused bit
positions are don’t care values.
Figure 24. DnRnH Data Register Bit Assignments
DnRnL REGISTERS
These are read/write registers. There are sixteen of these
registers, four for each of the buses. When written to, the data
is the low byte of a 16-bit command. When in read, it is the
low byte of a 16-bit return on the DBUS. Writing to this
register and the high byte register without a framing error,
schedules a DBUS transaction. The bit assignments are
shown in Figure 25
If this address is pointed to by the first SPI0 byte of a SPI
burst transaction, that transaction is ignored.
Figure 25. DnRnL Data Register Bit Assignments
DnRnSTAT REGISTER
There are read-only registers. These registers cover the
status of their associated DnRnH and DnRnl registers. The
values are latched when CS0 is asserted low. Any changes of
status detected by these bits will not update the register until
CS0
is de-asserted. This is done to ensure that partial
updates will not occur. If this address is pointed to by the first
SPI0 byte of a SPI burst transaction, that transaction is
ignored.
The bit assignments are shown in Figure 26.
Figure 26. DnRnSTAT Register Bit Assignments
ER–CRC Error Bit
• 0 = CRC value for the data in the read buffer was
correct.
• 1 = CRC value for the data in the read buffer was not
correct (data not valid).
CRC errors are associated with each receive buffer, so
that each buffer has a bit to indicate whether the data in that
buffer was received correctly. Whenever a received data
value is available in the DnRnH and DnRnL registers, the
associated CRC error status is available at ERn in the
associated DnRnSTAT register. The ER bit is set or cleared
whenever data is written from the DBUS into the DnRnH/L
receive registers. If Channel Thermal Shutdown or Idle and
SIgnal Mode Disable occur, these bits will be reset along with
the other channel register bits.
TE–Transmit Register Empty Bit
• 0 = Transmit buffer not empty.
• 1 = Transmit buffer empty.
This bit indicates that data has been written to the
associated channel register high and/or low, but has not been
read for sending on the DBUS. The bit is set to 0 on the rising
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read/Write
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
0
0
0
0
0
0
0
0
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read/Write
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
0
0
0
0
0
0
0
0
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read
ER
TE
SDS
RNE
ICL
0
FIX0
FIX1
Reset
0
1
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com