Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33781
FUNCTIONAL DESCRIPTIONS
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 10. Block Illustration
The 33781 is controlled by an MCU through the SPI0
interface. It handles the digital and physical layer portions of
a DBUS master node. Four separate DBUS channels are
included. The physical layer uses a two-wire bus with analog
wave-shaped voltage and current signals. Refer to Figure 1.
Major subsystems include the following:
• SPI0 interface and registers to a main MCU
• SPI1 interface and registers to a second MCU
• Four channels of DSI 2.02 protocol state logic
• CRC block for each channel
• Control and status registers
• Four addressable register sets per channel for queuing up
to four commands and data per bus. The addressable
buffer acts as a circular buffer for command writes and
data reads.
• Pseudo Bus Switch from D0H/L to DPH/L
SPI0 AND REGISTERS
This block contains the SPI0 interface logic and the control
and response registers that are written to and read from the
SPI interface.
The IC is an SPI slave-type device, so MOSI0 (Master-
Out-Slave-In) is an input and MISO0 (Master-In-Slave-Out) is
an output. CS0 and SCLK0 are also inputs.
The SPI0 port can handle 2-byte and 4-byte transfers. It
addresses 87 registers. The organization of the registers is
described in the section entitled SPI0 Register and Bit
Descriptions on page 29.
SPI1 AND REGISTERS
The 33781 has a second SPI port (called SPI1) that allows
valid response data from Bus Channel 2 and 3, along with the
slave address, to be read independently by a second MCU.
This block contains the SPI1 interface logic and the response
registers that are read from the SPI1 interface.
The IC is an SPI slave-type device, so MISO1 (Master-In-
Slave-Out) is an output, and CS1 and SCLK1 are inputs. SPI1
does not use the MOSI (Master-Out-Slave-In) pin or function
as it does not receive commands.
The SPI1 port handles only 16-bit transfers. It addresses
eight registers which are read only.
PROTOCOL ENGINE
This block converts the data to be transmitted from the
registers into the DBUS sequences, and converts DBUS
response sequences to data in the registers.
The DBUS transmit protocol uses a return to 1 type data
with a duty cycle determined by the logic state. The protocol
includes Cyclical Redundancy Check (CRC) generation and
validation.
MC33781 - Functional Block Diagram
Supply Voltage
Power Stage
Supply Voltage
2.5V Regulator
Power Stage
CRC Generation and Checking
Clock Generation and Frequency Spreading
Logic and Control
Over-temperature Sensing
SPI0 Registers and State Machine
Over-current Sensing
DBUS Drivers
and Receivers
Pseudo-bus
Logic and Control
VSUP Voltage Monitor
HCAP Charging Circuitry
SPI1 Registers and State Machine
Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com