Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
edge of CS0 after a SPI0 write to the associated DnRnH/L
registers. It is set to 1 once the DBUS state machine
completes sending the DnRnH/L data in the buffer over the
DBUS.
If SPI0 attempts to write to a transmit register that is not
empty, the new command will be ignored.
SDS - Signal Mode Shutdown
• 0 = Bus driver is active.
• 1 = High side or low side bus driver had a current
shutdown during signal mode in this DBUS transaction.
The bus driver current is independently sensed on both the
high side and the low side of the driver during signaling mode.
This bit is set if either driver exceeds the over-current
detection threshold for greater than the delay time. In that
event, the driver is disabled (becomes high-impedance) for
the remainder of that DBUS transaction.
The MCU can use this bit along with other fault condition
bits to detect that the data in this buffer may be invalid.
RNE–Receive Register Not Empty Bit
• 0 = No new data ready.
• 1 = Data is available to be read.
This bit is set when the DBUS writes to the associated
DnRnH and DnRnL registers. The bit is cleared on the rising
edge of CS0 after a read of the DnRn STAT register. This bit
is cleared even if a SPI0 framing error occurred during the
SPI burst transfer that read the receive register.
This bit will not be set if the VSUP voltage falls below the
low voltage detect threshold for longer than the VSUP low
mask time during the associated bus transfer.
ICL - Idle Mode Double Current Limit Bit (Idle Mode
Shutdown)
• 0 = Idle mode current limit not active.
• 1 = Idle mode current limit active.
During Idle mode, the current limit is independently sensed
on both the high side and the low side of the bus driver. An
over-current fault condition occurs if either DnH or DnL is
within the sourcing or sinking limit (500mA). This is
characterized by both DnH and DnL voltage levels being
simultaneously at either ground or the bus voltage VBUS.
The ICL bit is set and the drivers are disabled if either of
the following conditions are true:
• the fault condition occurs continuously for 2.5
μs
• the fault condition occurs four times with 50
μs or less
between occurrences
Figure 27 shows a representation of the over-current fault
condition circuitry.
Figure 27. Over-current Fault Condition for ICL Bit
Fix[0:1] - Fixed Bits
These are hard coded bits - FIX0 is always zero and FIX1
is always one. These bits are the last two bits transmitted
during the SPI message. Since their values are always fixed,
these bits enable the Main MCU software to determine if the
SPI data was shifted due to one too many, or one too few SPI
clocks.
DnCTRL REGISTER
The read/write DnCTRL register sets up conditions to be
used on the DBUS. There are four of these registers, one for
each of the buses. The bit assignments are shown in
Figure 28.
Figure 28. Dn Control Register Bit Assignment
Each bus n has an associated DnCTRL register. This
register should be written to before data is sent over its bus.
A write to the register will abort any current activity on the bus.
Any bit changes will take place on the next DBUS transaction
following the conclusion of the SPI write to the register. Refer
to the Protocol Engine section for more detail.
DLY[B:A]–Interframe Delay for Channel n
These bits specify the minimum delay between transfer
frames on the bus as illustrated in Table 10. For example,
when DLY[B:A] is set to 00, there is a minimum of four bit
times of IDLE voltage level. The time is measured from the
end of a DBUS transaction (signaled by the start of the signal
high to IDLE voltage transition) to the start of a new DBUS
transaction (signaled by the start of the IDLE voltage to signal
high transition).
LIM_DH_H
LIM_DL_H
LIM_DH_L
LIM_DL_L
Over-current Fault
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read/Write
-
-
DLYB
DLYA
-
LOOP1
LOOP0
MS
Reset
0
0
0
0
0
0
0
0
Table 10. DLY[B:A] Frame Spacing
DLY[B:A]
Minimum Delay Between Frames
(Bit Times)
00
4
01
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com