Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33781
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
BUS RECEIVER
Receiver Delay Time (IRSP = 0mA / 11mA step)
(15)
IRSP = -6.0mA to DSIR = 0.5 * VCC
IRSP = -6.0mA to DSIR = 0.5 * VCC
tDRH
tDRL
–
–
–
–
500
500
ns
Common Mode Current Noise Rejection (2.5ms max.)
ICMNR
-50
–
+50
mA
SPREAD SPECTRUM
Base Frequency Range
fCEN
77.1 - 2%
–
200 + 2%
kHz
PSEUDO BUS
Pseudo Bus On Delay Time
tPBD1
–
5
10
μs
Pseudo Bus Off Delay Time
tPBD2
–
5
10
μs
Notes
15.
Not measured in production.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75V
≤ VCC ≤ 5.25V, 9.0V ≤ VSUPn ≤ 25V,-40°C ≤ TA ≤ 90°C, unless otherwise
noted. Voltages relative to GND, unless otherwise noted. Typical values noted reflect the approximate mean values of the
parameter at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com