Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33781
FUNCTIONAL DESCRIPTIONS
FUNCTIONAL PIN DESCRIPTIONS
LOW SIDE BUS (DnL)
There are four independent low side outputs, D0L, D1L,
D2L and D3L. They comprise the low side differential output
signal of the DBUS physical layer as shown in Figure 5. They
also provide power to the slave modules during the DBUS
idle time. The output of DnL should have a bypass capacitor
of 2.2nF to ground.
HIGH SIDE BUS (DnH)
There are four independent high side outputs, D0H, D1H,
D2H, and D3H. They comprise the high side differential
output signal of the DBUS physical layer. They also provide
power to the slave modules during the DBUS idle time. See
Figure 5. The output of DnH should have a bypass capacitor
of 2.2nF to ground.
POSITIVE SUPPLY FOR BUS OUTPUT (VSUPn)
This 9.0V to 25V power supply is used to provide power to
the slave devices attached to the DBUS. During the bus idle
time, the storage capacitors in the slave modules are charged
up to maintain a regulated supply to the slave device. VSUP1
powers devices DBUS0 and DBUS1, and VSUP2 powers
devices on DBUS2 and DBUS3. See Figure 9.
The two supplies are interdependent internally, however,
as can be seen in Figure 9: VSUP1 is used to create the
VCM_REF voltage for all four driver buffers, and VSUP2 is used
to supply the charge pump voltage. Consequently, both
VSUP1 and VSUP2 are required for internal functions: for
example, the internal voltage regulator VREG_8V is supplied
from VSUP1, but uses the VSUP2-derived charge pump
voltage to supply the output NMOS devices.
PSEUDO BUS (DPH AND DPL)
These bus high and bus low pins are created by closing
the pseudo bus switches attached to the D0H and D0L bus
lines internal to the 33781. This allows a second external set
of bus lines to communicate over the D0 Channel. The
pseudo bus switches are controlled by the system MCU
through SPI0.
Figure 9. VSUP Block Diagram
VSUP
Voltage
Monitor
VMID
Reference
for common mode voltage
VREG_8V
Voltage Regulator
VCharge_pump
DBUS 0
Driver/ Receiver
DBUS 3
Driver/ Receiver
DBUS 1
DBUS 2
RNE control for ch0, ch1, ch2
and ch3 status register
VCP
VCP
V_8V
VCM_REF
VSUP2 (21)
GND (18)
VSUP1 (27)
GND (32)
D0H/L
D1H/L
GND (24)
D2H/L
D3H/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com