Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33781 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33781
Description  Quad DSI 2.02 Master with
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33781 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33781 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 37Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 38Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33781 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33781
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
SWLEN[3:0]–Short Word Length in Bits
These bits specify the bit length of the short word
command that will be sent onto the specified DBUS channel.
The reset value for these bits is 1000 (8 bits), which is the
default DSI value. Allowed SWLEN[3:0] values range from
8 bits to 15 bits. If an attempt is made to write a value that is
less than 8 bits, a 1 is automatically written to SWLEN3,
thereby making the register value greater than or equal to 8
bits.
CRCLEN[3:0]–CRC Length in Bits
These bits specify the bit length of CRCs that are sent out
with commands and read back in. The length is valid for both
short and long word commands. The reset value for these
bits is 0100 (4 bits), which is the default DSI value. Allowed
CRCLEN[3:0] values range from 0 bits (no CRC) to 8 bits. If
an attempt is made to write a value that is greater than 8 bits,
the value 8 (1000) is automatically written into this register.
The CRCLEN[3:0] value overrides the CRCPOLY and
CRCSEED bit values that are beyond what the CRCLEN[3:0]
specifies.
DnSSCTRL REGISTERS
These registers control the operation of the spread
spectrum circuits.
A write to the register will abort any current activity on the
bus. Any bit changes will take place on the next DBUS
transaction following the conclusion of the SPI write to this
register. The bit assignments are shown in Figure 33.
Figure 33. Dn Spread Spectrum Control Register Bit Assignment
DEV[2:0]–Spread Spectrum Frequency Deviation for
Channel n
These bits control the frequency deviation of the spread
spectrum signalling.
DEV[2:0] = 000 - No Deviation.
DEV[2:0] = 001 - 16 1/64 MHz periods Max Deviation
DEV[2:0] = 010 - 32 1/64 MHz periods Max Deviation
DEV[2:0] = 011 - 64 1/64 MHz periods Max Deviation
DEV[2:0] = 100 - 78 1/64 MHz periods Max Deviation
The deviation is the max number of 1/64MHz time periods
which are randomly added to the base time period to achieve
the spread spectrum effect. So for example, if you choose
DEV=011, the bit time will randomly vary from the base time
period to the base time period plus 1
μsec in 64 equal steps.
The mode with deviation disabled may be used to achieve
fine control of the bit rate without frequency spreading.
DnFSEL REGISTERS
These read/write registers control the spread spectrum
base time period. There are four of these registers, one for
each DBUS channel. The bit assignments are shown in
Figure 34.
A write to one of these registers will abort any current
activity on the bus. Any bit changes will take place on the next
DBUS transaction following the conclusion of the SPI write to
the register. Refer to the Spread Spectrum section for more
detail.
Figure 34. Dn Frequency Selection Register Bit Assignments
DnFSEL[7:0] - Channel Frequency Selection Bits
These bits select the channel base time period. These bits
determine the minimum bit time (maximum bit frequency for
a channel. The equation for the minimum bit time is:
((1/16*fCLK) x (320 +2x)) where x = 0 to 255 (decimal)
The hex value for x in the equation is represented by the
FSEL[7:0] bits
With a 4MHz clock and these bits set to zero the max bit
rate is 200kbps. Table 8 gives some examples of the max bit
rate and minimum bit time for fCLK = 4.0MHz.
MASKID REGISTER
This read-only register contains seven mask ID bits for the
silicon. This ID can reflect the version, design change
number, or other encoded information. The purpose is for the
central module CPU to be able to know what version of silicon
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read/Write
-
-
-
-
-
DEV2
DEV1
DEV0
Reset
0
0
0
0
0
0
0
0
SPI Data Bit
Bit 7
6
5
4
3
2
1
0
Read/Write
FSEL7
FSEL6
FSEL5
FSEL4
FSEL3
FSEL2
FSEL1
FSEL0
Reset
0
0
1
0
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com