Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C52 Datasheet(PDF) 77 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC짰)
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 77 Page - Cypress Semiconductor

Back Button CY8C52 Datasheet HTML 73Page - Cypress Semiconductor CY8C52 Datasheet HTML 74Page - Cypress Semiconductor CY8C52 Datasheet HTML 75Page - Cypress Semiconductor CY8C52 Datasheet HTML 76Page - Cypress Semiconductor CY8C52 Datasheet HTML 77Page - Cypress Semiconductor CY8C52 Datasheet HTML 78Page - Cypress Semiconductor CY8C52 Datasheet HTML 79Page - Cypress Semiconductor CY8C52 Datasheet HTML 80Page - Cypress Semiconductor CY8C52 Datasheet HTML 81Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 94 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. **
Page 77 of 94
11.3 Digital Peripherals
Specifications are valid for –40 °C
≤ TA ≤ 85 °C and TJ ≤ 100 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted.
11.3.1 Timer
The following specifications apply to the Timer/Counter/PWM peripheral in timer mode. Timers can also be implemented in UDBs; for
more information, see the Timer component data sheet in PSoC Creator.
11.3.2 Counter
The following specifications apply to the Timer/Counter/PWM peripheral, in counter mode. Counters can also be implemented in
UDBs; for more information, see the Counter component data sheet in PSoC Creator.
Table 11-31. Timer DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit timer, at listed input clock
frequency
–
–
–
µA
3 MHz
–
15
–
µA
12 MHz
–
60
–
µA
40 MHz
–
260
–
µA
Table 11-32. Timer AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
–
40.01
MHz
Capture pulse width (Internal)
25
–
–
ns
Capture pulse width (external)
30
–
–
ns
Timer resolution
25
–
–
ns
Enable pulse width
25
–
–
ns
Enable pulse width (external)
30
–
–
ns
Reset pulse width
25
–
–
ns
Reset pulse width (external)
30
–
–
ns
Table 11-33. Counter DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Block current consumption
16-bit counter, at listed input clock
frequency
–
–
–
µA
3 MHz
–
15
–
µA
12 MHz
–
60
–
µA
40 MHz
–
260
–
µA
Table 11-34. Counter AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Operating frequency
DC
–
40.01
MHz
Capture pulse
25
–
–
ns
Resolution
25
–
–
ns
Pulse width
25
–
–
ns
Pulse width (external)
30
ns
Enable pulse width
25
–
–
ns
Enable pulse width (external)
30
–
–
ns
Reset pulse width
25
–
–
ns
Reset pulse width (external)
30
–
–
ns
[+] Feedback
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com