Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 8Page - Linear Technology LTC4100 Datasheet HTML 9Page - Linear Technology LTC4100 Datasheet HTML 10Page - Linear Technology LTC4100 Datasheet HTML 11Page - Linear Technology LTC4100 Datasheet HTML 12Page - Linear Technology LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
LTC1760
12
1760fa
BLOCK DIAGRAM
SHORT CIRCUIT
SEQUENCER
10-BIT Δ
Σ
CURRENT DAC
LIMIT
DECODER
PowerPath
CONTROLLER
SMBus
INTERFACE
CHARGE
11-BIT Δ
Σ
VOLTAGE DAC
100Ω
100mV
SWB1
DRIVER
CHARGE
PUMP
SWB2
DRIVER
SWDC
DRIVER
CSN
ON
ON
DCIN
GCH1
SCH2
GCH2
SCH1
TGATE
PGND
BGATE
SW
BAT1
GND
DCDIV
LOPWR
VCC
VCC2
DCIN
DCIN
VSET
VPLUS
BAT2
OSCILLATOR
LOW DROP
DETECT
TON
BOOST
BGATE
VCC
PWM
LOGIC
+
Q
S
R
100mV
CLP
40mV
+
15
SCN
GB1I GB1O
GB2I GB2O
GDCI GDCO
SCP
SCN
CSP
TH2B
TH2A
TH1B
TH1A
CSN
ISET
CA1
3k
3k
0.8V
BUFFERED ITH
gm = 1.4m
gm = 0.4m
gm = 1.4m
IREV
ICMP
ITH
COMP1
CSP-CSN
3kΩ
36
38
39
42
44
43
13
41
16
12
40
24
25
1
2
3
48
47
45
46
9
8
11
10
76
37
14
5
4
MODE
26
30
31
28
27
15
35
34
CL1
CA2
VCC
REGULATOR
SAFETY
SIGNAL
DECODER
1.19V
0.86V
CSN
0V
400k
EA
0.8V
AC_PRESENT
ILIMIT
32
VLIMIT
33
1760 BD
3mV
SDA2
SCL2
SDA1
SCL1
SDA
SCL
VDDS
VCC2
18
22
19
23
17
21
20
SMBALERT
29
10μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com