Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 13Page - Linear Technology LTC4100 Datasheet HTML 14Page - Linear Technology LTC4100 Datasheet HTML 15Page - Linear Technology LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology LTC4100 Datasheet HTML 20Page - Linear Technology LTC4100 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
LTC1760
17
1760fa
OPERATION
2.3 Description of Supported SMBus Functions
The functions are described as follows:
Function Name() (command code)
Description:
A brief description of the function.
Purpose:
The purpose of the function, and an example where ap-
propriate.
SMBus Protocol: Refer to Section 2.5 and to the SMBus
specification for more details.
Input, Output or Input/Output: A description of the data
supplied to, or returned by, the function.
Whenever the LTC1760 encounters a valid command with
invalid data, it ACKs the command, and ignores the invalid
data. For example, if an attempt is made to select Battery
1 and 2 to simultaneously communicate with the system
host, the LTC1760 will just ignore the request.
2.3.1 BatterySystemState() (0
×01)
Description:
This function returns the present state of the LTC1760 and
allows access to individual batteries. The information is
broken into four nibbles that report:
Which battery is communicating with the SMBus Host
Which batteries, if any, or AC is powering the system
Which batteries are connected to the Smart Charger
Which batteries are present.
The LTC1760 provides a mechanism to notify the system
whenever there is a change in its state. Specifically, the
LTC1760 provides the system with a notification whenever:
• A battery is added or removed (Polling or SMBALERT).
• AC power is connected or disconnected (Polling or
SMBALERT).
• The LTC1760 autonomously changes the configura-
tion of the batteries supplying power (Polling only).
• The LTC1760 autonomously changes the configura-
tion of the batteries being charged (Polling only).
Purpose:
Used by the SMBus Host to determine the present state
of the LTC1760 and the attached batteries. It also may be
used to determine the state of the battery system after
the LTC1760 notifies the SMBus Host of a change via
SMBALERT.
SMBus Protocol: Read or Write Word.
Input/Output: word – Refer to “Section 2.2” for bit
mapping.
SMB_BAT[4:1] Nibble
The read/write SMB_BAT[4:1] nibble is used by the SMBus
Host to select with which individual battery to commu-
nicate or to determine with which individual battery it is
communicating.
For example, an application that displays the remaining
capacity of all batteries would write to this nibble to in-
dividually select each battery in turn and get its capacity.
Allowed values are:
0010b: SMBus Host is communicating with Battery 2.
0001b: SMBus Host is communicating with Battery 1.
(Power On Reset Value)
To change this nibble, set only one of the lower two bits
of this nibble high. All other values will simply be ignored.
POWER_BY_BAT[4:1] Nibble
The read only POWER_BY_BAT[4:1] nibble is used by the
SMBus Host to determine which batteries are powering
the system. All writes to this nibble will be ignored.
Allowed values are:
0011b: System powered by both Battery 2 and Battery
1 simultaneously.
0010b: System powered by Battery 2 only.
0001b: System powered by Battery 1 only.
0000b: System powered by AC adapter only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com