Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 36Page - Linear Technology LTC4100 Datasheet HTML 37Page - Linear Technology LTC4100 Datasheet HTML 38Page - Linear Technology LTC4100 Datasheet HTML 39Page - Linear Technology LTC4100 Datasheet HTML 40Page - Linear Technology LTC4100 Datasheet HTML 41Page - Linear Technology LTC4100 Datasheet HTML 42Page - Linear Technology LTC4100 Datasheet HTML 43Page - Linear Technology LTC4100 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
LTC1760
40
1760fa
Calculating IC Power Dissipation
The power dissipation of the LTC1760 is dependent
upon the gate charge of QTG and QBG.(Refer to Typical
Application). The gate charge is determined from the
manufacturer’s data sheet and is dependent upon both the
gate voltage swing and the drain voltage swing of the FET.
PD = (VDCIN – VVCC) • fOSC • (QTG + QBG) + VDCIN
IDCIN_CHG – VVCC • (ISAFETY1 + ISAFETY2)
where:
IDCIN_CHG, ISAFETY1, ISAFETY2 are defined in the
previous section.
Example:
VVCC = 5.2V, VDCIN = 19V, fOSC = 345kHz, QTG =
QBG = 15nC, IDCIN_CHG = 2.62mA, ISAFETY1 =
ISAFETY2 = 218μA.
PD = 190mW
VSET/ISET Capacitors
Capacitor C7 is used to filter the delta-sigma modulation
frequency components to a level which is essentially DC.
Acceptable voltage ripple at ISET is about 10mVP-P. Since
the period of the delta-sigma switch closure, TΔΣ, is about
10μs and the internal IDAC resistor, RSET, is 18.77k, the
ripple voltage can be approximated by:
ΔV
ISET =
V
REF •T
Δ∑
R
SET •C7
Then the equation to extract C7 is:
C7
=
V
REF •T
Δ∑
ΔV
ISET •RSET
= 0.8/0.01/18.77k(10μs)
≅ 0.043μF
In order to prevent overshoot during start-up transients
the time constant associated with C7 must be shorter than
the time constant of C5 at the ITH pin. If C7 is increased
to improve ripple rejection, then C5 should be increased
proportionally and charger response time to average cur-
rent variation will degrade.
Capacitors CB1 and CB2 are used to filter the VDAC delta-
sigma modulation frequency components to a level which
is essentially DC. CB2 is the primary filter capacitor and
CB1 is used to provide a zero in the response to cancel
the pole associated with CB2. Acceptable voltage ripple
at VSET is about 10mVP-P. Since the period of the delta-
sigma switch closure, TΔΣ, is about 11μs and the internal
VDAC resistor, RVSET, is 7.2kΩ, the ripple voltage can be
approximated by:
ΔV
VSET =
V
REF •T
Δ∑
R
VSET CB1||CB2
()
Then the equation to extract CB1 || CB2 is:
C
B1||CB2 =
V
REF •T
Δ∑
R
VSET ΔVVSET
CB2 should be 10× to 20× CB1 to divide the ripple voltage
present at the charger output. Therefore CB1 = 0.01μF and
CB2 = 0.1μF are good starting values. In order to prevent
overshoot during start-up transients the time constant as-
sociated with CB2 must be shorter than the time constant
of C5 at the ITH pin. If CB2 is increased to improve ripple
rejection, then C5 should be increased proportionally and
charger response time to voltage variation will degrade.
Input and Output Capacitors
In the 4A Lithium Battery Charger (Typical Application
section), the input capacitor (CIN) is assumed to absorb all
input switching ripple current in the converter, so it must
have adequate ripple current rating. Worst-case RMS ripple
current will be equal to one half of output charging current.
Actual capacitance value is not critical. Solid tantalum
low ESR capacitors have high ripple current rating in a
relatively small surface mount package, but caution must
be used when tantalum capacitors are used for input or
output bypass. High input surge currents can be created
when the adapter is hot-plugged to the charger or when a
battery is connected to the charger. Solid tantalum capaci-
tors have a known failure mechanism when subjected to
very high turn-on surge currents. Only Kemet T495 series
of “Surge Robust” low ESR tantalums are rated for high
surge conditions such as battery to ground.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com