Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 22Page - Linear Technology LTC4100 Datasheet HTML 23Page - Linear Technology LTC4100 Datasheet HTML 24Page - Linear Technology LTC4100 Datasheet HTML 25Page - Linear Technology LTC4100 Datasheet HTML 26Page - Linear Technology LTC4100 Datasheet HTML 27Page - Linear Technology LTC4100 Datasheet HTML 28Page - Linear Technology LTC4100 Datasheet HTML 29Page - Linear Technology LTC4100 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
LTC1760
26
1760fa
OPERATION
2.6 LTC1760 SMBALERT Operation
The SMBALERT pin allows the LTC1760 to signal to the
SMBus Host that there has been a change of status.
This pin is asserted low whenever there is a change in
battery presence, AC presence or after a power on reset
event. This pin is cleared during an Alert Response or
any of the following reads:
BatterySystemState(),BatterySystemStateCont(), Bat-
terySystemInfo(), or LTC().
3 Charging Algorithm Overview
3.1 Wake-Up Charging Initiation
The following conditions must be met in order to allow
wake-up charging:
1. The battery thermistor must be COLD-RANGE, IDEAL-
RANGE, or UNDER-RANGE.
2. AC must be present.
3. BatterySystemStateCont(CHARGING_INHIBIT) must
be de-asserted (or low).
4. Hardware controlled charging inhibit must be
de-asserted (MODE not low with VDDS high). Refer to
“Section 6.2”.
Wake-up charging initiates when a newly inserted battery
does not respond to any LTC1760 Master read commands.
Only one battery will wake-up charge at a time. When two
batteries are inserted and both require wake-up charging,
Battery 1 will wake-up charge first. Battery 2 will only wake-
up charge when Battery 1 terminates wake-up charging.
Wake-up charging takes priority over controlled charg-
ing; this prevents one battery from tying up the charger
when it would be advantageous to dual charge two deeply
discharged batteries.
The LTC1760 will attempt to reinitiate wake-up
charging on both batteries after the SMBus Host asserts
BatterySystemStateCont(CHARGER_POR) or a power on
reset event. This will reset any wake-up charging safety
timers and is equivalent to removing and reinserting both
batteries.
The LTC1760 will attempt to reinitiate wake-up charging
on a battery if the battery is not being charged, the therm-
istor is reporting IDEAL-RANGE, and the battery fails to
respond to an SMBus query. This is an important feature
for handling deeply discharged NiMH batteries. These
batteries may begin to talk while being charged and go
silent once charging has stopped.
Wake-up charging is disabled if the battery thermistor is
COLD-RANGE or UNDER-RANGE and the battery has been
charged for longer than tTIMEOUT.
3.2 Wake-Up Charging Termination
The LTC1760 will terminate wake-up charging when any
of the following conditions are met:
1. Battery removal (thermistor indicating OVER-RANGE)
2. AC is removed.
3. The SMBus Host issues a calibration request by setting
BatterySystemStateCont(CALIBRATE) high.
4. Any response to an LTC1760 Master read of Charg-
ingCurrent(), Current(), ChargingVoltage(), or Voltage().
Note that the LTC1760 ignores all writes from the battery.
5. Any of the following AlarmWarning() bits asserted high:
OVER_CHARGED_ALARM
TERMINATE_CHARGE_ALARM
TERMINATE_CHARGE_RESERVED
OVER_TEMP_ALARM
Note that the LTC1760 ignores all writes from the battery.
Each battery’s charge alarm is cached inside the LTC1760.
This internally cached bit will be set when any of the up-
per four bits of the battery’s AlarmWarning() response
are set. The cached bit will remain set if a subsequent
AlarmWarning() fails to respond. The cached alarm will
be cleared by any of the following conditions.
a) Associated battery is removed.
b) A subsequent AlarmWarning() clears all
charge alarm bits for the associated battery.
c) A power on reset event.
d) The SMBus Host asserts
BatterySystemStateCont(CHARGER_POR) high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com