Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 16Page - Linear Technology LTC4100 Datasheet HTML 17Page - Linear Technology LTC4100 Datasheet HTML 18Page - Linear Technology LTC4100 Datasheet HTML 19Page - Linear Technology LTC4100 Datasheet HTML 20Page - Linear Technology LTC4100 Datasheet HTML 21Page - Linear Technology LTC4100 Datasheet HTML 22Page - Linear Technology LTC4100 Datasheet HTML 23Page - Linear Technology LTC4100 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
LTC1760
20
1760fa
BATTERY_SYSTEM_REVISION Nibble
The read only BATTERY_SYSTEM_REVISION nibble re-
ports the version of the Smart Battery System Manager
specification supported.
LTC1760 always returns 1000b for this nibble, indicating
Version 1.0 without optional PEC support.
2.3.4 LTC() (0
×3C)
Description:
This function returns the LTC version nibble and allows
the user to perform expanded Smart Battery System
Manager functions.
Purpose:
Used by the SMBus Host to determine the version of
the LTC1760 and to program and monitor TURBO and
POWER_OFF special functions.
SMBus Protocol: Read or Write Word.
Input/Output: word — Refer to “Section 2.2” for bit map-
ping.
POWER_OFF Bit
This read/write bit allows the LTC1760 to turn off all power
paths.
Allowed values:
1b: All power paths are off.
0b: All power paths are enabled. (power on reset value).
TURBO Bit
This read/write bit allows the LTC1760 to enter TURBO
charging mode. Refer to “section 3.6”.
Allowed values:
1b: Turbo charging mode enabled.
0b: Turbo charging mode disabled. (Power On Reset
Value).
LTC_Version[3:0] Nibble
This read only nibble always returns 0001b as the LTC1760
version.
OPERATION
2.3.5 BatteryMode() (0
×03)
Description:
This function is used by the LTC1760 to read the battery’s
Mode register.
Purpose:
Allows the LTC1760 to determine if a battery requires a
conditioning/calibration cycle.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Input/Output: word — Refer to “Section 2.2” for bit map-
ping.
CONDITION_FLAG Bit
The CONDITION_FLAG bit is set whenever the battery
requires calibration.
Allowed values:
1b: Battery requires calibration. (Also known as a
Condition Cycle Request).
0b: Battery does not require calibration.
2.3.6 Voltage() (0
×09)
Description:
This function is used by the LTC1760 to read the actual
cell-pack voltage .
Purpose:
Allows the LTC1760 to determine the cell pack voltage and
close the charging voltage servo loop.
SMBus Protocol: Read Word. LTC1760 reads Battery 1 or
Battery 2 as an SMBus Master.
Output: unsigned integer — battery terminal voltage in
milli-volts. Refer to “Section 2.2” for bit mapping.
Units: mV.
Range: 0 to 65,535 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com