Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 41 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 41 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 37Page - Linear Technology LTC4100 Datasheet HTML 38Page - Linear Technology LTC4100 Datasheet HTML 39Page - Linear Technology LTC4100 Datasheet HTML 40Page - Linear Technology LTC4100 Datasheet HTML 41Page - Linear Technology LTC4100 Datasheet HTML 42Page - Linear Technology LTC4100 Datasheet HTML 43Page - Linear Technology LTC4100 Datasheet HTML 44Page - Linear Technology LTC4100 Datasheet HTML 45Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
LTC1760
41
1760fa
The relatively high ESR of an aluminum electrolytic for
C15, located at the AC adapter input terminal, is helpful
in reducing ringing during the hot-plug event. Refer to
AN88 for more information.
Highest possible voltage rating on the capacitor will
minimize problems. Consult with the manufacturer before
use. Alternatives include new high capacity ceramic (at
least 20μF) from Tokin, United Chemi-Con/Marcon, et al.
Other alternative capacitors include OSCON capacitors
from Sanyo.
The output capacitor (COUT) is also assumed to absorb
output switching current ripple. The general formula for
capacitor current is:
IRMS =
(L1)(f)
VBAT
VDCIN
()
0.29 (VBAT) 1 –
For example:
VDCIN = 19V, VBAT = 12.6V, L1 = 10μH, and
f = 300kHz, IRMS = 0.41A.
EMI considerations usually make it desirable to minimize
ripple current in the battery leads, and beads or inductors
may be added to increase battery impedance at the 300kHz
switching frequency. Switching ripple current splits be-
tween the battery and the output capacitor depending on
the ESR of the output capacitor and the battery impedance.
If the ESR of COUT is 0.2Ω and the battery impedance is
raised to 4Ω with a bead or inductor, only 5% of the cur-
rent ripple will flow in the battery.
PowerPath and Charge MUX MOSFET Selection
Three pairs of P-channel MOSFETs must be used with
the wall adapter and the two battery discharge paths. Two
pairs of N-channel MOSFETs must be used with the battery
charge path. The nominal gate drive levels are set by the
clamp drive voltage of their respective control circuitry.
This voltage is typically 6.25V. Consequently, logic-level
threshold MOSFETs must be used. Pay close attention to
the BVDSS specification for the MOSFETs as well; many of
the logic level MOSFETs are limited to 30V or less.
Selection criteria for the power MOSFETs include the “ON”
resistance RDS(ON), input voltage and maximum output
current. For the N-channel charge path, the maximum cur-
rent is the maximum programmed current to be used. For
the P-channel discharge path maximum current typically
occurs at end of life of the battery when using only one
battery. The upper limit of RDS(ON) value is a function of
the actual power dissipation capability of a given MOSFET
package that must take into account the PCB layout. As a
starting point, without knowing what the PCB dissipation
capability would be, derate the package power rating by
a factor of two.
R
DS(ON)MAX =
P
MOSFET
2I
MAX
()2
If you are using a dual MOSFET package with both MOSFETs
in series, you must cut the package power rating in half
again and recalculate.
R
DS(ON)MAX =
P
MOSFETDUAL
4I
MAX
()2
If you use identical MOSFETs for both battery paths,
voltage drops will track over a wide current range. The
LTC1760 linear 25mV CV drop regulation will not occur
until the current has dropped below:
I
LINEARMAX =
25mV
2R
DS(ON)MAX
However, if you try to use the above equation to determine
RDS(ON) to force linear mode at full current, the MOSFET
RDS(ON) value becomes unreasonably low for MOSFETs
available at this time. The need for the LTC1760 voltage
drop regulation only comes into play for parallel battery
configurations that terminate charge or discharge using
voltage. At first this seems to be a problem, but there are
several factors helping out:
1. When batteries are in parallel current sharing, the cur-
rent flow through any one battery is less than if it is
running stand-alone.
2. Most batteries that charge in constant voltage mode,
such as Li-ion, charge terminate at a current value of
C/10 or less which is well within the linear operation
range of the MOSFETs.
3. Voltage tracking for the discharge process does not
need such precise voltage tracking values.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com