Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4100 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC4100
Description  Dual Smart Battery System Manager Available in 48-Lead TSSOP Package
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC4100 Datasheet HTML 31Page - Linear Technology LTC4100 Datasheet HTML 32Page - Linear Technology LTC4100 Datasheet HTML 33Page - Linear Technology LTC4100 Datasheet HTML 34Page - Linear Technology LTC4100 Datasheet HTML 35Page - Linear Technology LTC4100 Datasheet HTML 36Page - Linear Technology LTC4100 Datasheet HTML 37Page - Linear Technology LTC4100 Datasheet HTML 38Page - Linear Technology LTC4100 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
LTC1760
35
1760fa
OPERATION
The delta-sigma modulator and switch SWV convert the
VDAC value to a variable resistance equal to (11/8)RVSET/
(VDAC(VALUE)/2047). In regulation, VSET is servo driven to
the 0.8V reference voltage, VREF.
Capacitors CB1 and CB2 are used to average the voltage
present at the VSET pin as well as provide a zero in the
voltage loop to help stability and transient response time
to voltage variations.
10 The Current DAC Block
The current DAC is a delta-sigma modulator which controls
the effective value of an internal resistor, RSET = 18.77k,
used to program the maximum charger current. Figure 8
is a simplified diagram of the DAC operation. The delta-
sigma modulator and switch convert the IDAC value to a
variable resistance equal to 1.25RSET/(IDAC(VALUE)/1023).
In regulation, ISET is servo driven to the 0.8V reference
voltage, VREF,andthecurrentfromRSETismatchedagainst
a current derived from the voltage between pins CSP and
CSN. This current is (VCSP – VCSN)/3k.
Therefore programmed current is:
ICHG = VREF • 3k/(1.25 RSNS RSET) • (IDAC(VALUE)/1023)
= (102.3mV/RSNS) • (IDAC(VALUE)/1023)
During wake-up current operation, the current DAC enters
a low current mode. The current DAC output is pulse-
width modulated with a high frequency clock having a
duty cycle value of 1/8. Therefore, the maximum output
current provided by the charger is IMAX/8. The delta-sigma
output gates this low duty cycle signal on and off. The
delta-sigma shift registers are then clocked at a slower
rate, about 40ms/bit, so that the charger has time to settle
to the IMAX/8 value.
+
CB1
CB2
CSN
1760 F07
EA
VREF
VSET
RVSET
7.2k
RVF
405.3k
ΔΣ
MODULATOR
SWV
11
TO
ITH
DAC
VALUE
(11 BITS)
+
1760 F08
VREF
ISET
RSET
18.77k
ΔΣ
MODULATOR
10
TO
ITH
DAC
VALUE
(10 BITS)
CSET
(VCSP – VCSN)
3kΩ
(FROM CA1 AMPLIFIER)
Figure 7. Voltage DAC Operation
Figure 8. Current Dac Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com