Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3014 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYUSB3014 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 4 of 38
Figure 2. EZ-USB FX3 as Main Processor
USB Interface
EZ-USB FX3 supports USB peripheral functionality compliant
with USB 3.0 Specification Revision 1.0 and is also backward
compatible with the USB 2.0 Specification.
EZ-USB FX3 is compliant with On-The-Go Supplement Revision
2.0. It supports Hi-Speed, Full-Speed, and Low Speed OTG dual
role device capability. It is SuperSpeed, High-Speed, and
Full-Speed capable as a peripheral and High-Speed, Full-Speed,
and Low-Speed capable as a host.
EZ-USB FX3 supports Carkit Pass-Through UART functionality
on USB D+/D- lines based on the CEA-936A specification.
EZ-USB FX3 supports up to 16 IN and 16 OUT endpoints.
EZ-USB FX3 fully supports the USB3.0 Streams feature. It also
supports USB Attached SCSI (UAS) device class to optimize
mass storage access performance.
As a USB peripheral, EZ-USB FX3 supports UAS, USB Video
Class (UVC), Mass Storage Class (MSC), and Media Transfer
Protocol (MTP) USB peripheral classes. As a USB peripheral, all
other device classes are supported only in pass through mode
when handled entirely by a host processor external to the device.
As an OTG host, EZ-USB FX3 supports MSC and HID device
classes.
When the USB port is not in use, the PHY and transceiver may
be disabled for power savings.
Figure 3. USB Interface Signals
OTG
EZ-USB FX3 is compliant with the On-The-Go (OTG) Specifi-
cation Revision 2.0 .
In OTG mode, EZ-USB FX3 supports both A and B device mode
and supports Control, Interrupt, Bulk, and Isochronous data
transfers.
EZ-USB FX3 requires an external charge pump (either stand
alone or integrated into a PMIC) to power VBUS in OTG A-device
mode.
The Target Peripheral List for OTG host implementation consists
of MSC and HID class devices.
Attach Detection Protocol (ADP) is not supported by EZ-USB
FX3.
EXTERNAL SLAVE
DEVICE
(Eg: IMAGE SENSOR)
EZ-USBFX3
(ARM9 Core)
GPIF II
I2C
USB
Port
CRYSTAL*
USB Host
EEPROM
* A clock input may be provided on the
CLKINpin instead of a crystal input
EZ-USB FX3
VBATT
VBUS
SSRX-
SSRX+
SSTX-
SSTX+
D-
D+
OTG_ID
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com