Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3014 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CYUSB3014 Datasheet HTML 1Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 2Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 3Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 4Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 5Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 6Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 7Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 8Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PRELIMINARY
CYUSB3014
EZ-USB® FX3 SuperSpeed USB Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
• 408-943-2600
Document Number 001-52136 Rev. *H
Revised May 17, 2011
Features
■ Universal serial bus (USB) integration
❐ USB 3.0 and USB 2.0 peripheral compliant with USB3.0
specification 1.0
❐ 5-Gbps USB3.0 PHY compliant with PIPE 3.0
❐ High-speed On-The-Go (HS-OTG) host and peripheral
compliant with On-The-Go Supplement Version 2.0
❐ Thirty-two physical endpoints
❐ Support for battery charging Spec 1.1 and accessory charger
adaptor (ACA) detection
■ General programmable interface (GPIF™ II)
❐ Programmable 100-MHz GPIF II interface enables
connectivity to wide range of external devices
❐ 8-/16-/32-bit data bus
❐ Up to 16 configurable control signals
■ Fully accessible 32-bit CPU
❐ ARM926EJ Core with 200MHz operation
❐ 512 kB Embedded SRAM
■ Additional connectivity to following peripherals
❐ I2C master controller at 1 MHz
❐ I2S master (transmitter only) at sampling frequencies 32 kHz,
44.1 kHz, 48 kHz
❐ UART support up to 4 Mbps
❐ SPI master at 33 MHz
■ Selectable clock input frequencies
❐ 19.2, 26, 38.4, and 52 MHz
❐ 19.2 MHz crystal input support
■ Ultra low-power in core power-down mode
❐ Less than 60 µA with VBATT ON and 20 µA with VBATT off
■ Independent power domains for core and I/O
❐ Core operation at 1.2 V
❐ I2S, UART and SPI operation at 1.8 to 3.3V
❐ I2C operation at 1.2 V
■ 10 × 10 mm, 0.8 mm pitch Pb-free ball grid array (BGA) package
■ EZ USB® software and DVK for easy code development
Applications
■ Digital video camcorders
■ Digital still cameras
■ Printers
■ Scanners
■ Video capture cards
■ Test and measurement equipment
■ Surveillance cameras
■ Personal navigation devices
■ Medical imaging devices
■ Video IP phones
■ Portable media players
■ Industrial cameras
32
EPs
GPIF™ II
HS/FS
Peripheral
SS
Peripheral
HS/FS/LS
OTG Host
ARM926EJ -S
JTAG
UART
SPI
I2S
Embedded
SRAm
(512kB)
EZ-Dtect™
CTL[12:0]
INT#
RESET #
DATA[31:0
]
PMODE[2:0
]
OTG_ID
SSRX -
SSRX +
SSTX -
SSTX +
D+
D-
FSLC[0]
FSLC[1]
FSLC[2]
CLKIN
CLKIN_32
XTALIN
XTALOUT
I2C
Logic Block Diagram
[+] Feedback
[+] Feedback


Similar Part No. - CYUSB3014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014 CYPRESS-CYUSB3014 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB3014-BZXC CYPRESS-CYUSB3014-BZXC Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
logo
Infineon Technologies A...
CYUSB3014-BZXC INFINEON-CYUSB3014-BZXC Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
CYUSB3014-BZXCT INFINEON-CYUSB3014-BZXCT Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
More results

Similar Description - CYUSB3014

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYUSB3014_1107 CYPRESS-CYUSB3014_1107 Datasheet
441Kb / 38P
EZ-USB FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X Datasheet
777Kb / 40P
EZ-USB짰 FX3 SuperSpeed USB Controller
CYUSB301X CYPRESS-CYUSB301X_13 Datasheet
568Kb / 45P
EZ-USB짰 FX3: SuperSpeed USB Controller
CYUSB3035 CYPRESS-CYUSB3035 Datasheet
1,014Kb / 50P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB303X CYPRESS-CYUSB303X Datasheet
562Kb / 54P
EZ-USB짰 FX3S SuperSpeed USB Controller
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
SMSC Corporation
USB5534 SMSC-USB5534 Datasheet
146Kb / 4P
4-Port SuperSpeed USB Hub Controller
logo
Infineon Technologies A...
CYUSB301X INFINEON-CYUSB301X Datasheet
730Kb / 82P
SuperSpeed USB Controller
2022-08-11
CYUSB3015 INFINEON-CYUSB3015 Datasheet
460Kb / 39P
EZ-USB SX3: Configurable SuperSpeed USB Controller
Revised June 14, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com