Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3014 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller UART support up to 4 Mbps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 24Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 25Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 26Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 27Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 28Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 29Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 30Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 31Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *H
Page 28 of 38
I2S Timing Diagram
Figure 15. I2S Transmit Cycle
Note
8. All parameters guaranteed by design and validated through characterization.
Table 13. I2S Timing Parameters[8]
Parameter
Description
Min
Max
Units
tT
I2S transmitter clock cycle
Ttr
–
ns
tTL
I2S transmitter cycle LOW period
0.35 Ttr
–
ns
tTH
I2S transmitter cycle HIGH period
0.35 Ttr
–
ns
tTR
I2S transmitter rise time
–
0.15 Ttr
ns
tTF
I2S transmitter fall time
–
0.15 Ttr
ns
tThd
I2S transmitter data hold time
0
–
ns
tTd
I2S transmitter delay time
–
0.3tT
ns
Note tT is selectable through clock gears. Max Ttr is designed for 96 kHz codec at 32 bits to be 326 ns (3.072 MHz).
[+] Feedback
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com