Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F4783IPZ Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F4783IPZ
Description  MIXED SIGNAL MICROCONTROLLER
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F4783IPZ Datasheet(HTML) 47 Page - Texas Instruments

Back Button MSP430F4783IPZ Datasheet HTML 43Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 44Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 45Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 46Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 47Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 48Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 49Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 50Page - Texas Instruments MSP430F4783IPZ Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 79 page
background image
MSP430F47x3, MSP430F47x4
MIXED SIGNAL MICROCONTROLLER
SLAS545C − MAY 2007 − REVISED MARCH 2011
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
SD16_A, power supply and recommended operating conditions
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
AVCC
Analog supply
voltage
AVCC = DVCC
AVSS = DVSS = 0V
2.5
3.6
V
SD16LP = 0,
GAIN: 1, 2
3 V
730
1050
Analog supply
t1
ti
SD16LP = 0,
fSD16 = 1 MHz,
GAIN: 4, 8, 16
3 V
810
1150
ISD16
current: 1 active
SD16 A channel
fSD16
1 MHz,
SD16OSR = 256
GAIN: 32
3 V
1160
1700
μA
ISD16
SD16_A channel
including internal
reference
SD16LP = 1,
f
0 5 MHz
GAIN: 1
3 V
720
1030
μA
reference
fSD16 = 0.5 MHz,
SD16OSR = 256
GAIN: 32
3 V
810
1150
f
Analog front-end
input clock
SD16LP = 0 (Low power mode disabled)
3 V
0.03
1
1.1
MHz
fSD16
input clock
frequency
SD16LP = 1 (Low power mode enabled)
3 V
0.03
0.5
MHz
SD16_A, input range (see Note 1)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
V
Differential full scale
Bipolar mode, SD16UNI = 0
−VREF/2GAIN
+VREF/2GAIN
mV
VID, FSR
Differential full scale
input voltage range
Unipolar mode, SD16UNI = 1
0
+VREF/2GAIN
mV
SD16GAINx = 1
±500
Differential input
SD16GAINx = 2
±250
V
Differential input
voltage range for
specified
SD16REFON
1
SD16GAINx = 4
±125
mV
VID
specified
performance
SD16REFON = 1
SD16GAINx = 8
±62
mV
performance
(see Note 2)
SD16GAINx = 16
±31
(see Note 2)
SD16GAINx = 32
±15
Z
Input impedance
(one input pin to
f
1 MHz
SD16GAINx = 1
3 V
200
k
Ω
ZI
(one input pin to
AVSS)
fSD16 = 1 MHz
SD16GAINx = 32
3 V
75
k
Ω
Z
Differential input
impedance
f
1 MHz
SD16GAINx = 1
3 V
300
400
k
Ω
ZID
impedance
(IN+ to IN−)
fSD16 = 1 MHz
SD16GAINx = 32
3 V
100
150
k
Ω
VI
Absolute input
voltage range
AVSS -1V
AVCC
V
VIC
Common-mode
input voltage range
AVSS -1V
AVCC
V
NOTES:
1. All parameters pertain to each SD16_A channel.
2. The analog input range depends on the reference voltage applied to VREF. If VREF is sourced externally, the full-scale range
is defined by VFSR+ = +(VREF/2)/GAIN and VFSR− = −(VREF/2)/GAIN. The analog input range should not exceed 80% of
VFSR+ or VFSR−.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com